Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2016 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SA2016
Description  Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2016 Datasheet(HTML) 4 Page - ON Semiconductor

  2SA2016 Datasheet HTML 1Page - ON Semiconductor 2SA2016 Datasheet HTML 2Page - ON Semiconductor 2SA2016 Datasheet HTML 3Page - ON Semiconductor 2SA2016 Datasheet HTML 4Page - ON Semiconductor 2SA2016 Datasheet HTML 5Page - ON Semiconductor 2SA2016 Datasheet HTML 6Page - ON Semiconductor 2SA2016 Datasheet HTML 7Page - ON Semiconductor 2SA2016 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SA2016 / 2SC5569
No.6309-4/8
--0.01
--0.1
23
5 7
2
3
5 7
2
3
5
7
--1.0
--10
--10000
7
5
3
2
7
5
3
2
--1000
7
5
3
2
--10
--100
IT00213
Ta=75
°C
25°
C
--25°C
2SA2016
IC / IB=50
0.01
0.1
23
5
7
2
3
5
7
2
3
5
7
1.0
10
10000
1000
7
5
3
2
7
5
3
2
7
5
3
2
100
10
IT00215
Ta=75
°C
25°
C
--25°
C
2SC5569
IC / IB=50
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
10000
1000
100
0.01
0.1
1.0
10
Ta= --25°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SC5569
IC / IB=50
IT00217
--10000
--1000
--100
--0.01
--0.1
--1.0
--10
Ta= --25
°C
75
°C
7
5
3
2
7
5
3
2
23
5
7
2
3
5
7
2
3
5
7
2SA2016
IC / IB=50
IT00216
25
°C
25
°C
7
3
100
10
2
5
1000
7
5
3
2
--0.01
25 7
77
7
3
--0.1
25
32
5
3
--1.0
--10
5
IT00220
2SA2016
VCE= --10V
7
3
100
10
2
5
1000
7
5
3
2
0.01
25 7
77
7
3
0.1
25
32
5
3
1.0
10
5
IT00221
2SC5569
VCE=10V
5
3
2
7
5
3
2
2
7
5
3
100
10
0.1
23
3
3
57
7
57
1.0
2
10
2
55
IT00219
2SC5569
f=1MHz
5
3
2
7
5
3
2
2
7
5
3
100
10
5
--0.1
23
3
3
77
7
5
--1.0
2
--10
2
55
IT00218
2SA2016
f=1MHz
Cob -- VCB
f T -- IC
f T -- IC
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com