Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1685 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD1685
Description  Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1685 Datasheet(HTML) 3 Page - ON Semiconductor

  2SD1685 Datasheet HTML 1Page - ON Semiconductor 2SD1685 Datasheet HTML 2Page - ON Semiconductor 2SD1685 Datasheet HTML 3Page - ON Semiconductor 2SD1685 Datasheet HTML 4Page - ON Semiconductor 2SD1685 Datasheet HTML 5Page - ON Semiconductor 2SD1685 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1685
No.2042-3/6
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
hFE -- IC
Collector Current, IC -- A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
fT -- IC
A S O
Collector-to-Emitter Voltage, VCE -- V
VBE(sat) -- IC
Collector Current, IC -- A
0
0.2
0.4
0.6
0.8
1.2
1.0
6
5
4
3
2
1
0
ITR10014
2
3
5
2
3
5
10
7
100
7
1000
23
55
77
0.01
0.1
23
5 7 1.0
23
5 7 10
ITR10015
VCE=2V
Ta=75
°C
25°C
VCE=2V
--25
°C
0.1
5
7
7
1.0
7
10
5
3
2
5
3
2
2
1.0
10
57
2
25
7
3
32
3
ITR10020
DC
operation
Tc=25
°C
10ms
1ms
IC
ICP
Ta=25
°C
Single pulse
DC
operation
Ta=25
°C
23
5
10
23
5
100
7
7
1000
1000
100
10
2
2
7
5
7
5
3
3
23
5
1.0
23
5
10
7
7
100
100
10
2
2
7
5
3
ITR10016
2
3
5
2
3
5
10
7
100
7
1000
23
55
77
0.01
0.1
23
5 7 1.0
23
5 7 10
VCB=10V
ITR10018
ITR10017
IC / IB=50
2
3
5
2
3
5
0.1
7
1.0
7
10
23
55
77
0.01
0.1
23
5 7 1.0
23
5 7 10
ITR10019
IC / IB=50
f=1MHz
Ta=75°C
Ta= --25°C
--25°C
75°C
25°C
25°C
100ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com