Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1685 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SD1685
Description  Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1685 Datasheet(HTML) 1 Page - ON Semiconductor

  2SD1685 Datasheet HTML 1Page - ON Semiconductor 2SD1685 Datasheet HTML 2Page - ON Semiconductor 2SD1685 Datasheet HTML 3Page - ON Semiconductor 2SD1685 Datasheet HTML 4Page - ON Semiconductor 2SD1685 Datasheet HTML 5Page - ON Semiconductor 2SD1685 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
90512 YKIM/21599TH (KT)/4277TA, TS No.2042-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SD1685
Bipolar Transistor
20V, 5A, Low VCE(sat), NPN Single TO-126ML
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
•
Strobe, voltage regulators, relay drivers, lamp drivers
Features
•
Low saturation voltage
•
Large current capacity
•
Fast switching time
•
No insulator required when mounting because the leadframe of the chip is covered with plastic
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
60
V
Collector-to-Emitter Voltage
VCEO
20
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
5A
Collector Current (Pulse)
ICP
8A
Collector Dissipation
PC
1.5
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7516A-002
Ordering number : EN2042B
Product & Package Information
• Package
: TO-126ML
• JEITA, JEDEC
: TO-126
• Minimum Packing Quantity : 200 pcs./bag
Marking
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
TO-126ML
0.8
0.75
2.4
4.8
0.8
0.7
8.0
4.0
1.0
1.0
3.6
1.6
3.3
12
3
LOT No.
RANK
D1685
3
1
2
2SD1685G
2SD1685F


Similar Part No. - 2SD1685

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1685 SANYO-2SD1685 Datasheet
90Kb / 3P
High-Current Switching Applications
More results

Similar Description - 2SD1685

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD2118J HSMC-HSD2118J Datasheet
55Kb / 5P
LOW VCE(sat) TRANSISTOR (20V, 5A)
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
2SD1628F-TD-E ONSEMI-2SD1628F-TD-E Datasheet
324Kb / 6P
Bipolar Transistor20V, 5A, Low VCE(sat), NPN Single PCP
September, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
2SB1143 ONSEMI-2SB1143 Datasheet
320Kb / 7P
Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
2SB1302 ONSEMI-2SB1302 Datasheet
281Kb / 5P
Bipolar Transisitor -20V, -5A, Low VCE(sat) PNP Single PCP
November, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com