Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML2002 Datasheet (PDF) - ON Semiconductor

AML2002 Datasheet PDF - ON Semiconductor
Part # AML2002
Download  AML2002 Download
File Size   325.81 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML

AML2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
AML2002 Datasheet PDF - ON Semiconductor

Part # AML2002
Download  AML2002 Click to download

File Size   325.81 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML

AML2002 Datasheet (HTML) - ON Semiconductor


AML2002 Product details

Bipolar Transistor
200V, 0.7A, Low VCE(sat), NPN Single TO-126ML

Features
• VCEO=200V, IC=0.7A
• Low collector-to-emitter saturation voltage VCE(sat)=0.125V(typ.)@IC=0.35A
• High-speed switching tf=70ns(typ.)@IC=0.3A
• The plastic-covered heat sink eliminates the need for an insulator when mounting the AML2002




Similar Part No. - AML2002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
NPN Epitaxial Planar Silicon Transistor LED Back Light
More results


Similar Description - AML2002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SB1143 ONSEMI-2SB1143 Datasheet
320Kb / 7P
Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1685 ONSEMI-2SD1685 Datasheet
273Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com