Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML2002 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AML2002
Description  Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AML2002 Datasheet(HTML) 1 Page - ON Semiconductor

  AML2002 Datasheet HTML 1Page - ON Semiconductor AML2002 Datasheet HTML 2Page - ON Semiconductor AML2002 Datasheet HTML 3Page - ON Semiconductor AML2002 Datasheet HTML 4Page - ON Semiconductor AML2002 Datasheet HTML 5Page - ON Semiconductor AML2002 Datasheet HTML 6Page - ON Semiconductor AML2002 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
82912 TKIM/12611CB TKIM TC-00002562 No. A1837-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
AML2002
Bipolar Transistor
200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
VCEO=200V, IC=0.7A
•
Low collector-to-emitter saturation voltage VCE(sat)=0.125V(typ.)@IC=0.35A
•
High-speed switching tf=70ns(typ.)@IC=0.3A
•
The plastic-covered heat sink eliminates the need for an insulator when mounting the AML2002
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
220
V
Collector-to-Emitter Voltage
VCEO
200
V
Emitter-to-Base Voltage
VEBO
8V
Collector Current
IC
0.7
A
Collector Current (Pulse)
ICP
2A
Collector Dissipation
PC
1.5
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Package Dimensions
unit : mm (typ)
7516A-002
Ordering number : ENA1837A
Product & Package Information
• Package
: TO-126ML
• JEITA, JEDEC
: TO-126
• Minimum Packing Quantity : 200 pcs./bag
Marking
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
TO-126ML
0.8
0.75
2.4
4.8
0.8
0.7
8.0
4.0
1.0
1.0
3.6
1.6
3.3
12
3
LOT No.
L2002
3
1
2
AML2002


Similar Part No. - AML2002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
NPN Epitaxial Planar Silicon Transistor LED Back Light
More results

Similar Description - AML2002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SB1143 ONSEMI-2SB1143 Datasheet
320Kb / 7P
Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1685 ONSEMI-2SD1685 Datasheet
273Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com