Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML2002 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AML2002
Description  Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AML2002 Datasheet(HTML) 4 Page - ON Semiconductor

  AML2002 Datasheet HTML 1Page - ON Semiconductor AML2002 Datasheet HTML 2Page - ON Semiconductor AML2002 Datasheet HTML 3Page - ON Semiconductor AML2002 Datasheet HTML 4Page - ON Semiconductor AML2002 Datasheet HTML 5Page - ON Semiconductor AML2002 Datasheet HTML 6Page - ON Semiconductor AML2002 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AML2002
No. A1837-4/7
Collector-to-Emitter Voltage, VCE -- V
A S O
Collector-to-Emitter Voltage, VCE -- V
A S O
IT16012
0.001
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
10
1.0
1.0
0.01
2
2
5
370.1 2
5
37
1000
25
37
10
25
37
100
5
37
ICP=2A
IC=0.7A
100ms
1ms
<10μs
IT16013
0.001
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
10
1.0
1.0
0.01
2
2
5
370.1 2
5
37
1000
25
37
10
25
37
100
5
37
ICP=2A
IC=0.7A
1ms
<10μs
100ms
10ms
Ta=25
°C
Single pulse
Tc=25
°C
Single pulse
PC -- Tc
Case Temperature, Tc --
°C
0
12
6
8
10
4
2
25
075
50
100
150
125
175
IT15975
PC -- Ta
Ambient Temperature, Ta --
°C
IT15974
25
0
50
75
100
150
125
175
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.5
1.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com