Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT5491-R Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT5491-R
Description  T-1 3/4 Two Leaded Tri-State LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT5491-R Datasheet(HTML) 1 Page - Marktech Corporate

  MT5491-R Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
360
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
T-1¾
T-1¾
T-1¾
T-1¾
T-1¾ T
TT
T
Tw
w
w
w
wo Leaded
o Leaded
o Leaded
o Leaded
o Leaded T
TT
T
Tri-Sta
ri-Sta
ri-Sta
ri-Sta
ri-State LED Lamps
te LED Lamps
te LED Lamps
te LED Lamps
te LED Lamps
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
• Bi-color LED lamp
• White diffused lens
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT5491-RG
(R)
30
5.0
85
-25~+85
-25~+100
(G)
30
5.0
85
-25~+85
-25~+100
MT5491-HRG
(HR)
30
5.0
85
-25~+85
-25~+100
(G)
30
5.0
85
-25~+85
-25~+100
MT5491-URG
(UR)
30
4.0
70
-25~+85
-25~+100
(G)
30
5.0
85
-25~+85
-25~+100
MT5491-YG
(Y)
30
5.0
85
-25~+85
-25~+100
(G)
30
5.0
85
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMIN. INT.
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT5491-RG
(R)
GaP
White Diff
120°
6.2
20
2.1
3.0
20
100
5
700
(G)
GaP
White Diff
120°
30.6
20
2.1
3.0
20
100
5
567
MT5491-HRG
(HR)
GaAsP/GaP
White Diff
120°
35.4
20
2.1
3.0
20
100
5
635
(G)
GaP
White Diff
120°
30.6
20
2.1
3.0
20
100
5
567
MT5491-URG
(UR)
GaAlAs
White Diff
118°
240
20
1.9
2.5
20
100
4
660
(G)
GaP
White Diff
118°
30.6
20
2.1
3.0
20
100
5
567
MT5491-YG
(Y)
GaAsP/GaP
White Diff
120°
25.2
20
2.1
3.0
20
100
5
585
(G)
GaP
White Diff
120°
30.6
20
2.1
3.0
20
100
5
567


Similar Part No. - MT5491-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5491-RG MARKTECH-MT5491-RG Datasheet
42Kb / 2P
Marktech 2 Leaded 5mm Tri−State LEDs
More results

Similar Description - MT5491-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-Q106A FAIRCHILD-HLMP-Q106A Datasheet
251Kb / 4P
SOLID STATE LED LAMPS SUBMINIATURE T-1 3/4 1.9mm
logo
Marktech Corporate
MT2001-HRG MARKTECH-MT2001-HRG Datasheet
28Kb / 1P
T-1 3 LEADED TRI-STATE LED LAMPS
MT6224-RG MARKTECH-MT6224-RG Datasheet
19Kb / 1P
3 Leaded Tri-State LED Lamps
MT6224-URUG MARKTECH-MT6224-URUG Datasheet
66Kb / 1P
3 Leaded Tri-State LED Lamps
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
T-1 3/4 SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4300HLC CML-4300HLC Datasheet
65Kb / 1P
Solid State LED Lamps-LowCurrent T-1 3/4 (5mm)
4361H1 CML-4361H1 Datasheet
66Kb / 1P
High Brite Tri-Color T-1 3/4 LED Lamps
CMD3350 CML-CMD3350 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
logo
Kingbright Corporation
L53SYC KINGBRIGHT-L53SYC Datasheet
89Kb / 3P
T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com