Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD676G. Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD676G.
Description  Plastic Medium-Power Silicon PNP Darlingtons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD676G. Datasheet(HTML) 1 Page - ON Semiconductor

  BD676G. Datasheet HTML 1Page - ON Semiconductor BD676G. Datasheet HTML 2Page - ON Semiconductor BD676G. Datasheet HTML 3Page - ON Semiconductor BD676G. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 14
Publication Order Number:
BD676/D
BD676G, BD676AG,
BD678G, BD678AG,
BD680G, BD680AG,
BD682G, BD682TG
Plastic Medium-Power
Silicon PNP Darlingtons
This series of plastic, medium−power silicon PNP Darlington
transistors can be used as output devices in complementary
general−purpose amplifier applications.
Features
• High DC Current Gain
• Monolithic Construction
• BD676, 676A, 678, 678A, 680, 680A, 682 are complementary
with BD675, 675A, 677, 677A, 679, 679A, 681
• BD678, 678A, 680, 680A are equivalent to MJE 700, 701, 702, 703
• These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BD676G, BD676AG
BD678G, BD678AG
BD680G, BD680AG
BD682G, BD682TG
VCEO
45
60
80
100
Vdc
Collector-Base Voltage
BD676G, BD676AG
BD678G, BD678AG
BD680G, BD680AG
BD682G, BD682TG
VCB
45
60
80
100
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
0.1
Adc
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
40
0.32
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
3.13
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
4.0 AMP DARLINGTON
POWER TRANSISTORS
PNP SILICON
45, 60, 80, 100 VOLT, 40 WATT
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
Y
= Year
WW
= Work Week
BD6xx = Device Code
xx = 76, 78, 80, 82, or 82T
G
= Pb−Free Package
COLLECTOR 2, 4
BASE 3
EMITTER 1
TO−225
CASE 77−09
STYLE 1
1
2 3
YWW
BD6xxG
YWW
BD6xxAG


Similar Part No. - BD676G.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD676G ONSEMI-BD676G Datasheet
59Kb / 4P
Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
More results

Similar Description - BD676G.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD675 MOTOROLA-BD675 Datasheet
112Kb / 4P
Plastic Medium-Power Silicon NPN Darlingtons
BD676 MOTOROLA-BD676 Datasheet
110Kb / 4P
Plastic Medium-Power Silicon PNP Darlingtons
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
ON Semiconductor
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
BD676 ONSEMI-BD676 Datasheet
59Kb / 4P
Plastic Medium?뭁ower Silicon PNP Darlingtons
October, 2005 ??Rev. 12
BD675 ONSEMI-BD675_08 Datasheet
109Kb / 4P
Plastic Medium?좵ower Silicon NPN Darlingtons
September, 2008 ??Rev. 13
logo
New Jersey Semi-Conduct...
BD675 NJSEMI-BD675 Datasheet
99Kb / 2P
Plastic Medium-Power Silicon NPN Darlingtons
logo
ON Semiconductor
BD675G ONSEMI-BD675G_13 Datasheet
87Kb / 4P
Plastic Medium-Power Silicon NPN Darlingtons
December, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com