Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD676G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD676G.
Description  Plastic Medium-Power Silicon PNP Darlingtons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD676G. Datasheet(HTML) 2 Page - ON Semiconductor

  BD676G. Datasheet HTML 1Page - ON Semiconductor BD676G. Datasheet HTML 2Page - ON Semiconductor BD676G. Datasheet HTML 3Page - ON Semiconductor BD676G. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD676G, BD676AG, BD678G, BD678AG, BD680G, BD680AG, BD682G, BD682TG
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1)
(IC = 50 mAdc, IB = 0)
BD676G, BD676AG
BD678G, BD678AG
BD680G, BD680AG
BD682G, BD682TG
BVCEO
45
60
80
100
−
−
−
−
Vdc
Collector Cutoff Current
(VCE = Half Rated VCEO, IB = 0)
ICEO
−
500
mAdc
Collector Cutoff Current
(VCB = Rated BVCEO, IE = 0)
(VCB = Rated BVCEO. IE = 0, TC = 100°C)
ICBO
−
−
0.2
2.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
2.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
BD676G, BD678G, BD680G, BD682G
(IC = 2.0 Adc, VCE = 3.0 Vdc)
BD676AG, BD678AG, BD680AG
hFE
750
750
−
−
−
Collector−Emitter Saturation Voltage (Note 1)
(IC = 1.5 Adc, IB = 30 mAdc)
BD678G, BD680G, BD682G
(IC = 2.0 Adc, IB = 40 mAdc)
BD676AG, BD678AG, BD680AG
VCE(sat)
−
−
2.5
2.8
Vdc
Base−Emitter On Voltage (Note 1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
BD678G, BD680G, BD682G
(IC = 2.0 Adc, VCE = 3.0 Vdc)
BD676AG, BD678AG, BD680AG
VBE(on)
−
−
2.5
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 1.5 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
hfe
1.0
−
−
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
50
40
10
5.0
0
15
30
45
60
75
105
135
150
165
Figure 1. Power Temperature Derating
TC, CASE TEMPERATURE (°C)
120
90
45
20
15
30
25
35
Figure 2. DC Safe Operating Area
5.0
1.0
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
2.0
1.0
0.5
0.05
2.0
5.0
10
50
100
BONDING WIRE LIMIT
THERMAL LIMIT at TC = 25°C
SECONDARY BREAKDOWN LIMIT
0.2
0.1
TC = 25°C
BD676, 676A
BD678, 678A
BD680, 680A
BD682
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com