Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-3353 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-3353
Description  AMD LX800/LX600 PC/104-Plus SBC, VGA,LVDS, TTL, Ethernet, USB, COM, CF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3353 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-3353_15 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3353_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC/104 CPU Modules
Features
ƒ AMD low power LX800 500 MHz/LX600 366 MHz processor
ƒ 24-bit TFT LCD interface, 18/24-bit (JEIDA format) LVDS display
ƒ PC/104-plus expansion
ƒ Supports up to 4 COM ports, 4 USB ports
ƒ Supports SUSIAccess and Embedded Software APIs
PCM-3353
AMD LX800/LX600 PC/104-Plus SBC, VGA,
LVDS, TTL, Ethernet, USB, COM, CF
Specifications
Processor System
CPU
AMD Geode™ LX800 500 MHz/AMD Geode™ LX600 366 MHz
Frequency
500 MHz / 366 MHz
L2 Cache
128 KB
System Chipset
AMD CS5536
BIOS
Award 4-Mbit
Memory
Technology
DDR 333/400 MHz
Max. Capacity
1 GB
Socket
1 x 200-pin SODIMM
Display
Chipset
AMD Geode LX800 / LX600
VRAM
Optimized Shared Memory Architecture up to 64 MB system memory
LVDS
Single channel 18/24-bit (JEIDA format) LVDS up to 1600 x 1200 x 32 bpp at 60 Hz
VGA
Supports up to 1920 x 1440 x 32 bpp at 85 Hz
Supports up to 1600 x 1200 x 32 bpp at 100 Hz
TTL LCD
Supports up to 1600 x 1200 x 32 bpp at 60 Hz for 24-bit single channel TFT Panel
Dual Display
VGA+TTL, VGA+LVDS
Ethernet
Speed
10/100/1000 Mbps
Controller
Intel 82541PI
Connector
Box Header
Audio
Chipset
Realtek ALC203 (Line-in, Line-out, Mic-in)
Watchdog Timer
Output System Reset
Programmable counter from 1 ~ 255 minutes/ seconds
Storage
CompactFlash
CompactFlash socket (Type I)
PATA
1 Channel
Floppy
1, 82077AA compatible (transfer from LPT, available by custom BIOS)
Internal I/O
USB
4 x USB 2.0
Serial
3 RS-232 from COM1/3/4, 1 RS-232/422/485 from COM2 with RS-485 auto flow control
(ESD protection for RS-232: Air gap ±15 kV, Contact ±8 kV)
Parallel (LPT)
1, IEEE 1284, EPP, and ECP compatible (FDD mode supported)
SMBus
1
Keyboard/Mouse
1
GPIO
8-bit general purpose input/output
Expansion
PC/104-Plus Slot
1
Power
Power Type
AT
Power Supply Voltage
5V ± 5% only to boot up (12 V is optional for LCD inverter and add on card)
Power Consumption
(Typical)
LX800: 1.35 A @ +5 V, 0.1 A @ +12 V (7.95 Watts)
Power Consumption
(Max, test in HCT)
LX800: 1.51 A @ +5 V, 0.1 A @ +12 V (8.75 Watts)
Power Management
APM1.2
Battery
Lithium 3 V / 196 mAH
Environment
Operational
0 ~ 60° C (32 ~ 140° F) (Operational humidity: 40° C @ 85% RH non-condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
96 x 115 mm (3.8" x 4.5")
Weight
0.574 kg (1.26 lb) (with heat-sink)
Height
Top side: 11.45 mm; Bottom side: 10.6 mm
Watchdog
GPIO
H/W Monitor
SMBus
Monitoring
BIOS flash
Backlight
On/Off
Brightness
Power in
Clear CMOS
Fast Ethernet
Backlight power
LVDS LCD
USB 1/2
USB 3/4
PATA
KB/MS
GPIO2
GPIO1
RS-422/485
SMBus
RS-232 1/2/3/4
Parallel Port
TTL LCD
Backlight power
Software APIs:
Utilities:
VxWorks
®
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - PCM-3353_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3353F-L0A1E ADVANTECH-PCM-3353F-L0A1E Datasheet
1Mb / 3P
AMD LX800 PC/104-Plus CPU Module
09-Nov-2009
More results

Similar Description - PCM-3353_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3353 ADVANTECH-PCM-3353 Datasheet
1Mb / 3P
AMD LX800 PC/104-Plus CPU Module
09-Nov-2009
PCM-3355 ADVANTECH-PCM-3355 Datasheet
1Mb / 3P
AMD LX800/LX600 PC/104 CPU Module
09-Nov-2009
PCM-4373 ADVANTECH-PCM-4373 Datasheet
329Kb / 2P
AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
PCM-9375 ADVANTECH-PCM-9375 Datasheet
356Kb / 2P
3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
PCM-4373 ADVANTECH-PCM-4373_12 Datasheet
1Mb / 2P
AMD LX800 EPIC SBC with LVDS, TTL, VGA, Dual Ethernet, 6 COM, 2 SATA, PC/104-Plus
PCM-9375 ADVANTECH-PCM-9375_12 Datasheet
1Mb / 2P
AMD Geode??LX800 3.5" SBC, VGA, LVDS, LCD, Dual Ethernet, IDE, SATA, PC/104
PCM-3356-A2 ADVANTECH-PCM-3356-A2 Datasheet
695Kb / 2P
AMD T16R,T40E, PC/104 SBC, VGA,LVDS, LAN, USB, COM, SATA
PCM-3362 ADVANTECH-PCM-3362_15 Datasheet
702Kb / 2P
Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
PCM-9375 ADVANTECH-PCM-9375_15 Datasheet
788Kb / 2P
AMD Geode??LX800 3.5" SBC, VGA,LVDS/TTL, Dual Ethernet, IDE, CF, PC/104
PCM-3356 ADVANTECH-PCM-3356 Datasheet
772Kb / 2P
AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com