Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-3353 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-3353
Description  AMD LX800/LX600 PC/104-Plus SBC, VGA,LVDS, TTL, Ethernet, USB, COM, CF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3353 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-3353_15 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3353_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
PCM-3353
Ordering Information
Part No.
CPU
Memory
VGA LVDS
TTL
GbE USB
2.0
RS-232
RS-232/
422/485
Audio Expansion Thermal
Solution
Operational
Temp.
PCM-3353F-L0A2E
AMD LX800
SODIMM
Yes
18/24-bit
24-bit 1
4
3
1
Yes
PC/104+
Passive
0 ~ 60° C
PCM-3353F-J0A2E
AMD LX600
SODIMM
Yes
18/24-bit
24-bit 1
4
3
1
Yes
PC/104+
Passive
0 ~ 60° C
PCM-3353Z-L0A1E
AMD LX800
SODIMM
Yes
18-bit
24-bit 1
4
3
1
Yes
PC/104+
Passive
-20 ~ 80° C
PCM-3353Z2-L0A1E
AMD LX800
SODIMM
Yes
18-bit
24-bit 1
4
3
1
Yes
PC/104+
Passive
-40 ~ 85° C
Note: Wide temperature range version (Z/Z2) should bundle with wide temp DDR SDRAM Memory (PN:SQR-SD1I-512M400SN) for shipment, otherwise it will cause unexpected
system crash.
Note: Passive = fanless; Active = with fan
Packing List
Part No.
Description
Quantity
PCM-3353 SBC
Startup Manual
Utility CD
1700000898
VGA cable D-SUB 15P(F)/12P-1.25 mm 15 cm
1
1700000918
Audio cable 10 cm
1
1700003491
AT power cable 1 x 8P-2.0/B4P-5.08 x 2 15 cm
1
1700060202
Cable 6P-6P-6P PS/2 KB & Mouse 20 cm
1
1700260250
LPT Port cable 25P to 26P 2.0 mm 25 cm
1
1701100202
LAN Flat Cable IDC10P 2.0 mm/RJ-45 20 cm
1
1701400181
COM 4 ports Flat Cable 18 cm IDC40P 2.0 mm
1
1701440350
IDE cable 44P/44P/44P 35 cm
1
1703040157
RS-422/485 W/D-SUB COM 4P 15 cm
1
1703060053
PS2 Cable 6P (MINI-DIN)-6P (Wafer 2.0 mm) 6 cm
1
1703100121
USB 2-Port cable 10P 12 cm IDC 2.0 mm
1
9660104000
PC/104 screw and copper post package
1
1960005764
Heatsink for PCM-3353 (80.44 x 77.97 x 7.82 mm)
1
Optional Accessories
Part No.
Description
1653130421
PCI-104 connector 120-pin (Long pin)
165313222B
PC/104 connector 64-pin (Long pin)
165312022B
PC/104 connector 40-pin (Long pin)
1960037701N000
CF retainer for anti-vibration
1700001531
LPT to FDD cable
Embedded OS/API
Embedded OS/API
Part No.
Description
WinCE
2070000729
Image PCM-3353 CE 5.0 Pro Plus Eng
2070001612
CE6.0 Pro GX3 4 COM V1.0 ENG
2070005769
CE6.0 Pro GX3 2 COM V1.1 JPN
Win XPE
2070009905
Image XPE WES2009 PCM-3353 A2 V4.0 ENG
2070009906
Image XPE WES2009 PCM-3353 A2 V4.0 24MUI
QNX
6.4.1/ 6.3.2
Linux
Ubuntu 10.04.1
VxWorks
5.5
Software API
205E000019
SUSI 3.0 SW API for ESBC B: 20091116 XP
AMD LX800/LX600
PCI BUS
Super I/O
SCH3114
CompactFlash
PATA
AMD Geode
CS5536
Watchdog
3 RS-232
1 RS-232/422/485
DDR SDRAM
SODIMM Socket
DDR400
VGA
24 Bit TTL
LCD
Connector
Intel 82541PI
PCI to ISA Bridge
PC/104
expansion
USB 2.0
USB 2.0 x 4 port
AC-Link
LPC Bus
BIOS
PS/2 KB/MS
GPIO IC
8-bit
GPIO
SMBus
ALC203
Line in
Mic in
Line out
VGA connector
PCI-104
expansion
LPT/FDD
24-bit LVDS
Transmitter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com