Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT6224-R Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT6224-R
Description  3 Leaded Tri-State LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT6224-R Datasheet(HTML) 1 Page - Marktech Corporate

  MT6224-R Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
362
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
3 Leaded
3 Leaded
3 Leaded
3 Leaded
3 Leaded T
TT
T
Tri-Sta
ri-Sta
ri-Sta
ri-Sta
ri-State LED Lamps
te LED Lamps
te LED Lamps
te LED Lamps
te LED Lamps
• Bi-color LED lamp
• White Diffused Lens
• Low Current Requirements
• Reliable and Rugged
• IC Compaible
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MT6224-xxx
(Common Cathode)
MT6224-Axxx
(Common Anode)
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION
(P
D)
(mW)
OPERATING
TEMP (T
opr)
(°C)
STORAGE
TEMP(T
stg)
(ºC)
MT6224-RG
(R)
30
5.0
85
-25~+85
-25~+100
(G)
30
5.0
85
-25~+85
-25~+100
MT6224-HRG
(HR)
30
5.0
85
-25~+85
-25~+100
(G)
30
5.0
85
-25~+85
-25~+100
MT6224-YG
(Y)
30
5.0
85
-25~+85
-25~+100
(G)
30
5.0
85
-25~+85
-25~+100
MT6224-AHRG
(G)
30
5.0
85
-25~+85
-25~+100
(HR)
30
5.0
85
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUM. INT.
(mcd)
FORWARD
VOLTAGE
(V)
REVERSE
CURRENT
PEAK
WAVE
LENGTH
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT6224-RG
(R)
GaP
White Diff
70°
2.0
20
2.1
3.0
20
100
5
700
(G)
GaP
White Diff
70°
10.1
20
2.1
3.0
20
100
5
567
MT6224-HRG
(HR)
GaAsP/GaP
White Diff
70°
11.7
20
2.1
3.0
20
100
5
635
(G)
GaP
White Diff
70°
10.1
20
2.1
3.0
20
100
5
567
MT6224-YG
(Y)
GaAsP/GaP
White Diff
70°
8.3
20
2.1
3.0
20
100
5
585
(G)
GaP
White Diff
70°
10.1
20
2.1
3.0
20
100
5
567
MT6224-AHRG
(G)
GaP
White Diff
70°
35.0
20
2.1
3.0
20
100
5
567
(HR)
GaAsP/GaP
White Diff
70°
30.0
20
2.1
3.0
20
100
5
635


Similar Part No. - MT6224-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT6224-RG MARKTECH-MT6224-RG Datasheet
35Kb / 2P
Marktech 3 Leaded 5mm (CC) Bi−Color LEDs
More results

Similar Description - MT6224-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT116-OG MARKTECH-MT116-OG Datasheet
34Kb / 1P
TRI-STATE LAMPS
MT2001-HRG MARKTECH-MT2001-HRG Datasheet
28Kb / 1P
T-1 3 LEADED TRI-STATE LED LAMPS
MT205-HRG MARKTECH-MT205-HRG Datasheet
49Kb / 1P
TRI-STATE LAMPS?
MT2640-HRG MARKTECH-MT2640-HRG Datasheet
27Kb / 1P
TRI-STATE FLAT-TOP LED LAMPS
MT5491-RG MARKTECH-MT5491-RG Datasheet
66Kb / 1P
T-1 3/4 Two Leaded Tri-State LED Lamps
MT6224-URUG MARKTECH-MT6224-URUG Datasheet
66Kb / 1P
3 Leaded Tri-State LED Lamps
logo
Yellow Stone Corp
BL-BHG201 YSTONE-BL-BHG201 Datasheet
142Kb / 1P
DUAL CHIP TRI STATE LED LAMPS
logo
Chicago Miniature Lamp,...
4363D1 CML-4363D1 Datasheet
64Kb / 1P
Solid State LED Lamps-Tri-Color 2mm x 5mm
logo
Visual Communications C...
4363D1-5 VCC-4363D1-5 Datasheet
57Kb / 1P
Solid State LED Lamps-Tri-Color 2mm x 5mm
logo
LUMEX INC.
SSL-LX3059IPGW LUMEX-SSL-LX3059IPGW Datasheet
54Kb / 1P
T3X5MM TRI-LEADED LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com