Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3133 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3133
Description  PWM tuned LED brightness through PWM pin(200Hz-10KHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3133 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3133 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Datasheet
LP3133
LP3133 – Ver. 1.0 Datasheet
Feb.-2008
Page 1 of 5
4-Channel Current Source White LED Driver
General Description
The LP3133 is a low-dropout bias supply for white LEDs is
a high-performance alternative to the simple ballast
resistors used in conventional white LED designs. It
supports 4 white LEDs with regulated constant current for
uniform intensity. The LP3133 maintains low dropout
current regulators. The LP3133 requires a 50mV dropout
at a 20mA load on each output to match the LED brightness.
The brightness of LEDs can be tuned through a pulse width
modulated signal at the PWM pin.
The LP3133 is available in a QFN-16 package.
Order Information
LP3133 -
□ □ □
F: Pb-Free
Package Type
QV: QFN-16
Applications
LCD Panel
Cellular and Smart mobile phone
PDA/DSC
PMP
Features
2.7V to 6V Input Voltage
20mA maxim sink current
PWM tuned LED brightness through PWM
pin(200Hz-10KHz)
Soft Start Function
Built-in Thermal Protection
IQ<1uA in Shutdown
QFN-16 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
VBATT
1uF
PWM
LP3133
7
15
13
1
8
16
14
2
6
5
4
3
9
11
10
12
PGND
EN
VIN
NC
VOUT
EN
GND
NC
LED1
LED2
LED3
LED4
NC
NC
NC
NC
Marking Information
Please see website.


Similar Part No. - LP3133

ManufacturerPart #DatasheetDescription
logo
Optronics International
LP31 OPTRONICS-LP31 Datasheet
151Kb / 1P
Mini License Plate Light
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
National Semiconductor ...
LP311 NSC-LP311 Datasheet
154Kb / 6P
LP311 Voltage Comparator
More results

Similar Description - LP3133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS7510X TI-TPS7510X_08 Datasheet
470Kb / 16P
Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122 Datasheet
368Kb / 17P
PWM Brightness Control
logo
Texas Instruments
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS7510X TI1-TPS7510X_16 Datasheet
1Mb / 22P
Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
White LED Driver With PWM Brightness Control
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
White LED Driver with PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com