Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3133 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3133
Description  PWM tuned LED brightness through PWM pin(200Hz-10KHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3133 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3133 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3133 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Datasheet
LP3133
LP3133 – Ver. 1.0 Datasheet
Feb.-2008
Page 2 of 5
Functional Pin Description
Pa rt No .
P a cka g e Ty pe
P i n Co nf ig u r at io ns
LP3133
QFN-16
VOUT
EN
LED2
EN
15
GND
6
5
13
8
PGND
PGND
16
7
LED1
VIN
14
PIN
NAME
DESCRIPTION
QFN-16
1,2,9,10,11,12
NC
No Internal Connection.
3
LED4
LED4 cathode terminal.
4
LED3
LED3 cathode terminal.
5
LED2
LED2 cathode terminal.
6
LED1
LED1 cathode terminal
7/14
PGND/GND
Ground.
8
Vout
Output Voltage Source for connection to the LED anodes.
13
VIN
Power Supply.
15/16
EN/PWM
Chip Enable(active High).and connects to a GPIO of MCU,the GPIO
supply a PWM singal dimming method to control the brightness(0-20mA) of
white LEDs and the PWM frequency from 200Hz to 10KHz,the duty from
0% to 100%.the typical frequency is 2KHz.
Function Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com