Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3205F Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3205F
Description  1.5MHz Fixed-Frequency PWM Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3205F Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP3205F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 8Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 9Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Datasheet
LP3205F
LP3205F –00 Version. 1.0 Datasheet
Feb.-2009
www.lowpowersemi.com
Page 7 of 10
Applications Information
The basic LP3205F application circuit is shown in Typical
Application Circuit. External component selection is
determined by the maximum load current and begins with
the selection of the inductor value and operating
frequency followed by CIN and COUT.
Inductor selection
The output inductor is selected to limit the ripple
current to some predetermined value. typically 20%~40%
of the full load current at the maximum input voltage.
Large value inductors lower ripple currents. Higher Vin or
VOUT also increases the ripple current as shown in
equation. A reasonable starting point for setting ripple
current is △IL=240mA(40% of 800mA).
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 720mA rated
Inductor should be enough for most applications
(800mA+120mA). For better efficiency, choose a low
DC-resistance inductor.
CIN and COUT Selection
The input capacitance, CIN ,is needed to filter the
trapezoidal current at the source of the top MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
Sized for the maximum RMS current should be used.
RMS current is given by:
This formula has a maximum at VIN=2VOUT, where
IRMS=IOUT/2.this
simple
worst-case
condition
is
commonly.Used for design because even significant
deviations do not offer much relief. Note that ripple
current ratings from capacitor manufacturers are often
based on only 2000 hours of life which makes it advisable
to further derate the Capacitor, or choose a capacitor
rated at a higher temperature Than required. Several
capacitors may also be paralleled to meet size or height
requirements in the design.
The selection of COUT is determined by the effective
series resistance(ESR) that is required to minimize
voltage ripple and load step transients, an well as the
amount or bulk capacitance that is necessary to ensure
that the control loop is stable. Loop stability can be
checked by vie sing the load transient response as
described in later section. the output ripple,△VOUT, is
determined by:
Using ceramic input and output capacitors
Higher values, lower cost ceramic capacitors are now
becoming .Available in smaller case sizes ,their high
ripple current ,high voltage rating and low ESR make
them ideal for switching regulator applications. however
care must be taken when these capacitors are used at the
input and output. When a ceramic capacitor is use at
input and the power is supplied by a wall adapter through
long wires, a load step at the output can induce ringing at
the input ,VIN, At worst, a sudden inrush of current
through the long wires can potentially cause a voltage
spike at VIN large enough to damage the part.
Output voltage programming
The output voltage is set by a resistive divider according
to the
Following formula:
The external resistive divider is connected to the output,
allowing Remote voltage sensing as shown in figure3.
Efficiency considerations
The efficiency of a switching regulator is equal to the output
Power divided by the input power times 100%.it is often useful
to analyze individual losses to determine what is limiting the
efficiency and which change would produce the most
improvement efficiency can be expressed as :



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com