Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3205F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3205F
Description  1.5MHz Fixed-Frequency PWM Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3205F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3205F Datasheet HTML 1Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 8Page - Lowpower Semiconductor inc LP3205F Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP3205F
LP3205F –00 Version. 1.0 Datasheet
Feb.-2009
www.lowpowersemi.com
Page 1 of 10
1.5MHZ,800mA,High Efficiency Synchronous
PSM/PWM Step-Down DC/DC Convert
General Description
The LP3205F is a constant frequency, current mode,
PWM step-down converter. The device integrates a
main switch and a synchronous rectifier for high
efficiency. The 2.5V to
6.5V input voltage range makes
the LP3205F is ideally suited for portable electronic
devices that are powered from 1-cell Li-ion battery or
from other power sources within the range such as
cellular phones, PDAs and handy-terminals. Internal
synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. The internal
synchronous switch increases efficiency while
eliminate the need for an external Schottky diode.The
switching ripple is easily smoothed-out by small
package filtering elements due to a operation
frequency of 1.5MHz. This along with small SOT-23-5
package provide small PCB area application. Other
features include soft start, lower internal reference
voltage with 2% accuracy, over temperature protection,
and over current protection。
Ordering Information
LP3205F - □ □ □ □
□
F: Pb-Free
Package Type
B5: SOT23-5
J5: TSOT23-5
Output Voltage Type
A: Adjustable type
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
Features
◆ High Efficiency: 93%  
◆ 1.5MHz Fixed-Frequency PWM Operation
◆ Adjustable Output From 0.6V to VIN  
◆ 1.2V, 1.5V, 1.8V, 2.5V, 3.0Vand 3.3V Fixed
◆ 800mA Output Current, 1.5A Peak Current
◆ No Schottky Diode Required
◆ 95% Duty Cycle Low Dropout Operation
◆ Available in SOT23-5/TSOT23-5 Package  
◆ Short Circuit and Thermal Protection  
◆ Low than 1µA Shutdown Current
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA
DSC
Wireless Card
Pin Configurations
Marking Information
Please see website.


Similar Part No. - LP3205F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205-12B5F POWER-LP3205-12B5F Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205-12J5F POWER-LP3205-12J5F Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205-15B5F POWER-LP3205-15B5F Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205-15J5F POWER-LP3205-15J5F Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
More results

Similar Description - LP3205F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
1.5MHz Fixed-Frequency PWM Operation
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
1.1MHz Fixed-Frequency PWM Operation
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
1.1MHz Fixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
logo
Maxim Integrated Produc...
MAX15062BEVKIT MAXIM-MAX15062BEVKIT Datasheet
1Mb / 8P
500kHz Fixed-Frequency PWM Operation
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com