Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3315 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3315
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3315 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3315 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Datasheet
LP3315
LP3315– 00 Version1.0 Datasheet
Feb.-2012
www.lowpowersemi.com
Page 7 of 8
junction to ambient thermal resistance.
For the recommended operating conditions specification of LP3315, the maximum junction temperature of the die
is 125°C. The junction to ambient thermal resistance Qja is layout dependent. The junction to ambient thermal
resistance for SOT23-5 package is 255°C/W and for WDFN-8L 2x2 package is 165°C/W on the standard JEDEC
51-3 single layer thermal test board. The maximum power dissipation at TA = 25°C can be calculated by
following formula :
Layout Consideration
For best performance of the LP3315, the following
guidelines must be strictly followed.
- Input and Output capacitors should be placed close to the IC and connected to ground plane to reduce noise
coupling.
- The GND and Exposed Pad should be connected to a strong ground plane for heat sinking and noise protection.
- Keep the main current traces as possible as short and wide.
- LX node of DC-DC converter is with high frequency voltage swing. It should be kept at a small area.
- Place the feedback components as close as possible to the IC and keep away from the noisy devices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com