Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3315 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3315
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3315 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3315 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3315 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP3315
LP3315– 00 Version1.0 Datasheet
Feb.-2012
www.lowpowersemi.com
Page 1 of 8
1.2MHz,30V/1A High Performance, Boost Converter
General Description
The LP3315 is a 1.2MHz PWM boost switching
regulator designed for constant-voltage boost
applications. The LP3315 can drive a string of up to
30V. The LP3315 implements a constant frequency
1.2MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component sizes. To improve efficiency, the
feedback voltage is set to 1250mV, which reduces
the power dissipation in the voltage setting resistor.
Highly integration and internal compensation
network minimizes as 5 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3315
F: Pb-Free
Package:
B5: SOT23-5
Pin Configurations
Features
 High Efficiency: 90%  
 1.2MHzFixed-Frequency PWM Operation
 Maximum Output Voltage up to 30V
 Guaranteed 13V/200mA Output with 5V input
 Operating Range : 2.7V to 5.5V
 Shutdown Supply Current:<1uA  
 Programmable Soft-star
 Available in SOT23-6/SOT23-5 Package  
 Minimize the External Component
 RoHS Compliant and 100% Lead (Pb)-Free
Applications
 
Panel Bais Voltage supply
 
OLED Backlight driver
Notebook Computers
 
Portable Applications
 
MID/PTV
Typical Application Circuit
OFF
ON
VOUT
Vin
4.7uH
LP3315
SHDN
4
FB
3
Vin
5
C2
2.2uF
C3
1nF
C1
4.7uF
R1
210K
R2
30K
Marking information
Please view website.
x represents the date( year month day)of the producing day
of the products.
Device No.
Marking
Package
Shipping
LP3315B5F
LPS
Fbxxx
SOT23-5
3K/Reel


Similar Part No. - LP3315

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3310B6F POWER-LP3310B6F Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3310QVF POWER-LP3310QVF Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3315

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3390 POWER-LP3390 Datasheet
299Kb / 8P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com