Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3321 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3321
Description  1.3MHzFixed-Frequency PWM Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3321 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3321 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Datasheet
LP3321
LP3321 – 01 Vesion 1.1 Datasheet
Feb.-2011
www.lowpowersemi.com
Page 7 of 9
c. Using a Filtered PWM signal
Another common application is using a filtered
PWM signal as an adjustable DC voltage for LED
dimming control. A filtered PWM signal acts as the
DC voltage to regulate the output current. The
recommended application circuit is shown in the
Figure 6. In this circuit, the output ripple depends
on the frequency of PWM signal. For smaller output
voltage
ripple
(<100mV),
the
recommended
frequency of 2.8V PWM signal should be above
2kHz. To fix the frequency of PWM signal and
change the duty cycle of PWM signal can get
different
output
current.
According
to
the
application circuit of Figure 5, output current is
from 20.5mA to 5.5mA by adjusting the PWM duty
cycle from 10% to 90%.
Cin
10uF
D1
SS14
R2
5k
(0-100KHz)
R1
10
PWM
10uH
Vin
Cout
1uF
LP3321
4
3
5
EN
FB
Vin
Cout
0.1uF
R3
90k
R4
100K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com