Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3321 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3321
Description  1.3MHzFixed-Frequency PWM Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3321 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3321 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3321 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP3321
LP3321 – 01 Vesion 1.1 Datasheet
Feb.-2011
www.lowpowersemi.com
Page 1 of 9
High Performance, Constant Current Switching
Regulator For 10PCS White LED In Series
General Description
The LP3321 is a 1.3MHz PWM boost switching
regulator designed for constant- current white LED
driver applications. The LP3321 can drive a string of
up to 10 white LEDs
in series, ensuring uniform
brightness and eliminating several ballast resistors.
The LP3321 implements a constant frequency
1.3MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component sizes. To improve efficiency, the
feedback voltage is set to 195 mV and 300mV,
which reduces the power dissipation in the current
setting resistor. Highly integration and internal
compensation network minimizes as 5 external
component counts. Optimized operation frequency
can meet the requirement of small LC filters value
and low operation current with high efficiency.
Ordering Information
LP3321
F: Pb-Free
Package:
J6: TSOT23-6
J5: TSOT23-5
FB Voltage
Default: VFB=195mV
A: VFB=300mV
Pin Configurations
(TSOT23-5)
(TSOT23-6)
Features
High Efficiency: 90%  
1.3MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 40V
Operating Range : 2.7V to 5.5V
Shutdown Supply Current:<1uA  
Available in TSOT23-5/TSOT23-6 Package  
Built-in 40V Over Voltage Protection  
Minimize the External Component
RoHS Compliant and 100% Lead
(Pb)-Free
Applications
WLED Backlight driver
OLED Backlight driver
PDA
MID/PTV
Typical Application Circuit
Cout
1uF
10uH
Cin
10uF
D1
SS14
R1
10
Vin
LP3321
4
3
5
EN
FB
Vin
VFB=195mV
Marking information
Please view website.


Similar Part No. - LP3321

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
High Performance, Constant Current Switching
LP3320B6F POWER-LP3320B6F Datasheet
384Kb / 9P
High Performance, Constant Current Switching
LP3320QVF POWER-LP3320QVF Datasheet
384Kb / 9P
High Performance, Constant Current Switching
LP3322 POWER-LP3322 Datasheet
515Kb / 8P
1.1MHzFixed-Frequency PWM Operation
logo
Vishay Siliconix
LP3325CL VISHAY-LP3325CL Datasheet
105Kb / 2P
Surface Mount Current Sense Transformers
09-Mar-12
More results

Similar Description - LP3321

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3322 POWER-LP3322 Datasheet
515Kb / 8P
1.1MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com