Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4060 Datasheet(PDF) 11 Page - Lowpower Semiconductor inc

Part # LP4060
Description  Programmable Charge Current Up to 800mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4060 Datasheet(HTML) 11 Page - Lowpower Semiconductor inc

Back Button LP4060 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 9Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 10Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 11Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 12Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 13Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Preliminary Datasheet
LP4060A
LP4060A – Ver. 1.0 Datasheet
Nov.-2007
Page 11 of 13
By dropping voltage across a resistor in series with a
5V wall adapter (shown in Figure 9), the on-chip
power dissipation can be decreased, thus increasing the
thermally regulated charge current.:
Solving for IBAT using the quadratic formaula
Using RCC = 0.25Ω, VS = 5V, VBAT = 3.75V,
TA = 25℃ and θJA = 125℃/W we can calculate the
thermally regulated charge current to be:
While this application delivers more energy to the
battery and reduces charge time in thermal mode, it
may actually lengthen charge time in voltage mode if
VCC becomes low enough to put the LP4060A into
dropout. This technique works best when RCC values
are minimized to keep component size small and avoid
dropout. Remember to choose a resistor with adequate
power handling capability.
VCC Bypass Capacitor
Many types of capacitors can be used for input
bypassing, however, caution must be exercised when
using multilayer ceramic capacitors. Because of the
self-resonant and high Q characteristics of some types
of ceramic capacitors, high voltage transients can be
generated under some start-up conditions, such as
connecting the charger input to a live power
source .Adding a 1.5Ω resistor in series with an
X5R ceramic capacitor will minimize start-up
voltage
transients.
Charge Current Soft-Start
The LP4060A includes a soft-start circuit to
minimize the inrush current at the start of a charge
cycle. When a charge cycle is initiated, the charge
current ramps from zero to the full-scale current
over a period of approximately 100µs. This has
the effect of
minimizing the transient current load on
the power supply during start-up.
CHRG Status Output Pin
The CHRG pin can provide an indication that the input
voltage is greater than the undervoltage lockout
threshold level. A weak pull-down current of
approximately 12µA indicates that sufficient voltage is
applied to VCC to begin charging. When a discharged
battery is connected to the charger, the constant current
portion of the charge cycle begins and the CHRG pin
pulls to ground. The CHRG pin can sink up to 10mA
to drive an LED that indicates that a charge cycle is in
progress. When the battery is nearing full charge, the
charger enters the constant-voltage portion of the
charge cycle and the charge current begins to drop.
When the charge current drops below 1/10 of the
programmed current, the charge cycle ends and the
strong pull-down is replaced by the 12µA pull-down,
indicating that the charge cycle has ended. If the input
voltage is removed or drops below the under voltage
lockout threshold, the CHRG pin becomes high
impedance. Figure 10 shows that by using two
different value pull-up resistors, a micro-processor can
detect all three states from this pin.
To detect when the LP4060A is in charge mode, force the
digital output pin (OUT) high and measure the voltage at
the CHRG pin. The N-channel MOSFET will pull the pin
voltage low even with the 2k pull-up resistor. Once the
charge cycle terminates, the N-channel MOSFET is
turned off and a 12µA current source is connected to the
CHRG pin. The IN pin will then be pulled high by the 2k
pull-up resistor. To determine if there is a weak pull-down
current, the OUT pin should be forced to a high
impedance state. The weak current source will pull the IN
pin low through the 800k resistor; if CHRG is high
impedance, the IN pin will be pulled high, indicating that
the part is in a UVLO state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com