Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4060 Datasheet(PDF) 12 Page - Lowpower Semiconductor inc

Part # LP4060
Description  Programmable Charge Current Up to 800mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4060 Datasheet(HTML) 12 Page - Lowpower Semiconductor inc

Back Button LP4060 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 9Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 10Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 11Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 12Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 13Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Preliminary Datasheet
LP4060A
LP4060A – Ver. 1.0 Datasheet
Nov.-2007
Page 12 of 13
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity voltage
on VCC is desired .If the supply voltage is high enough, a
series blocking diode can be used. In other cases, where the
voltage drop must be kept low a P-channel MOSFET can be
used (as shown in Fig 11.)
USB and Wall Adapter Power
The LP4060A allows charging from both a wall adapter and a
USB port. Figure 12 shows an example of how to combine
wall adapter and USB power inputs. A P-channel MOSFET,
MP1,is used to prevent back conducting into the USB port
when a wall adapter is present and a Schottky diode, D1, is
used to prevent USB power loss through the 1k pull-down
resistor. Typically a wall adapter can supply more current than
the 500mA-limited USB port. Therefore, an N-channel
MOSFET, MN1, and extra 10k program resistor are used to
increase the charge current to 800mA when the wall adapter is
present.
Layout Considerations
Follow the PCB layout guidelines for optimal performance of LP4060A.
For the main current paths as indicated in bold lines, keep their traces short and wide.
Put the input capacitor as close as possible to the device pins (VIN and GND).
Connect all analog grounds to a command node and then connect the command node to the power
ground behind the output capacitors.
Output not connect loading when charging
LP4060
LP4060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com