Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6205S Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6205S
Description  1.3V Start-up Input Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6205S Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6205S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Datasheet
LP6205S
LP6205S–00 Ver. 1.0 Datasheet
Jul.-2013
www.lowpowersemi.com
Page 2 of 5
Functional Pin Description
Pin Number
Pin Name
Function
SOT23-6
1
GND
Ground.
2
SW
Switch pin.
3
GND
Ground.
4
FB
Feedback
5
VDD
Power pin.
6
EN
Enable pin
Function Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com