Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6205S Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6205S
Description  1.3V Start-up Input Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6205S Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6205S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Datasheet
LP6205S
LP6205S–00 Ver. 1.0 Datasheet
Jul.-2013
www.lowpowersemi.com
Page 4 of 5
Application Information
Referring to Typical application circuits, the output
voltage of the switching regulator(Vout) can be set with
Equation(1):
Vout=(1+R1/R2) X 1.25 V
Feedback Loop Design
Referring to the typical application circuits, the
selection of R1 and R2 based on the trade-off between
quiescent current consumption and interference
immunity is stated below:
For applications without standby or suspend modes,
lower values of R1 and R2 are preferred. For
applications concerning the current consumption in
standby or suspend modes, the higher values of R1
and R2 are needed. Such high impedance, which
requires careful PCB layout and avoid any
interference.
Especially to FB pin. To improve the system stability a
proper value capacitor between FB pin and GND pin is
suggested. An empirical suggestion is around 220pF.
PCB Layout Guide
PCB Layout shall follow these guidelines for better
system stability:
1. A full GND plane without any gap break.
2. VDD to GND bypass Cap-The 1uF MLCC noise
bypass cap pin4 shall have short and wide
connections.
3. Vin to GND bypass Cap-Add a Cap close to the
inductor when Vin is not an idea voltage source.
4. Minimize the FB node copper area and keep it far
away from noise sources.
5. I follow Equation(1)
6. I Higher R reduces the quiescent current(Path
current=1.25V/R2),however resistors beyond
5M/W are not recommended.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com