Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6212 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6212
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6212 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6212 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP6212
LP6212 –00 Version1.0
Datasheet
May.-2014
www.Lowpowersemi.com - -
Page 1 of 6
High Efficiency 6A Boost DC/DC Convertor
General Description
The LP6212 is a current mode boost DC-DC converter.
Its PWM circuitry with built-in 6A Current power
MOSFET makes this converter highly efficient.
Selectable high switching frequency allows faster loop
response and easy filtering with a low noise output.
The non-inverting input its error amplifier is connected
to an internal 0.6V precision reference voltage.
Soft-Start time can be programmed with an external
capacitor, which sets the input current ramp rate.
Current mode control and external compensation
network make it easy and flexible to stabilize the
system.
Ordering Information
LP6212 □ □
□
F: Pb-Free
Package Type
SP: ESOP8
Typical Application Circuit
Features
Up to 94% efficiency 
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA  
Output voltage Up to 5V/2.1A
Internal Compensation
1.2MHz fixed frequency switching
High switch on current:6A
Available in ESOP8 Package  
Applications
Battery products
Host Products
Panel
Pin Configurations
TOP VIEW
Marking Information
Device
Marking
Package
Shipping
LP6212
LPS
LP6212
XXXX
ESOP8
3K/REEL


Similar Part No. - LP6212

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6212AB6F POWER-LP6212AB6F Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
More results

Similar Description - LP6212

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6206 POWER-LP6206 Datasheet
369Kb / 7P
Output to Input Disconnect at Shutdown Mode
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6223 POWER-LP6223 Datasheet
307Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6229 POWER-LP6229 Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6270 POWER-LP6270 Datasheet
245Kb / 6P
Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com