Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6212 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6212
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6212 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6212 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6212 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Datasheet
LP6212
LP6212 –00 Version1.0
Datasheet
May.-2014
www.Lowpowersemi.com - -
Page 3 of 6
Absolute Maximum Ratings
Supply Input Voltage---------------------------------------------------------------------------------------------------------------6V
Power Dissipation, PD @ TA = 25°C
ESOP8----------------------------------------------------------------------------------------------------------------------------2.6W
Package Thermal Resistance
ESOP8, θJA -----------------------------------------------------------------------------------------------------------------45°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------260°C
Recommended Operating Conditions
Supply Input Voltage-----------------------------------------------------------------------------------------------------2.2V to 6V
EN Input Voltage ---------------------------------------------------------------------------------------------------------0V to 5.5V
Operation Junction Temperature Range --------------------------------------------------------------------−40°C to 125°C
Operation Ambient Temperature Range-----------------------------------------------------------------------−40°C to 85°C
Electrical Characteristics
(Vin=3.6V,Vout=5V,Cin=10uF,Cout=22uF//10uF,L1=2.2uH)
Parameter
Conditions
LP6212
Units
Min
Typ
Max
Supply Voltage
2.2
5.5
V
Output Voltage Range
2.5
6
V
Supply Current(Shutdown)
VEN=VOUT=0V,VSW=5V
3
uA
Supply Current
VFB=0.7V
150
uA
Feedback Voltage
0.588
0.6
0.612
V
Feedback Input Current
VFB=1.2V
50
nA
Switching Frequency
FREQ=VCC
1200
KHz
Maximum Duty Cycle
85
90
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
Power mosfet Current Limit
6
A
High-side On Resistance
Vout=3.3V
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com