Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6217 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6217
Description  1MHz fixed frequency switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6217 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6217 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
LP6217
LP6217 –00 Version 1.0 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 3 of 6
Absolute Maximum Ratings
Supply Input Voltage---------------------------------------------------------------------------------------------------------------6V
Package Thermal Resistance
SOT23-6, θJA ---------------------------------------------------------------------------------------------------------------68°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------------260°C
Storage Temperature Range --------------------------------------------------------------------------------- −65°C to 150°C
Recommended Operating Conditions
Supply Input Voltage------------------------------------------------------------------------------------------------- 2.2V to 6V
SW Pin Voltage----------------------------------------------------------------------------------------------------------------- 26V
EN Input Voltage -------------------------------------------------------------------------------------------------------0V to 5.5V
Electrical Characteristics
Parameter
Conditions
LP6217
Units
Min
Typ. Max
Supply Voltage
2.2
5
V
Output Voltage Range
2.5
24
V
Supply Current(Shutdown)
VEN=VOUT=0V,VSW=5V
0.05
1
uA
Supply Current
VFB=1.3V
0.2
mA
Disable Supply Current
EN=GND
0.1
uA
Feedback Voltage
0.588
0.6
0.612
V
Feedback Input Current
VFB=1.2V
50
nA
Switching Frequency
1
MHz
Maximum Duty Cycle
80
85
90
%
EN Input Low Voltage
0.6
V
EN Input High Voltage
1.4
V
Mosfet On Resistance
200
mΩ
Mosfet Voltage(VDS)
26
V
NMOS Current Limit
2.1
A
OCP Adjustable Range
R3=10k-100kΩ
0.5
2.5
A
Soft-start Reset Switch Resistance
100
Ω
Soft-start Input Source Current
VSS=1.2V
4.0
uA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com