Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6217 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6217
Description  1MHz fixed frequency switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6217 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6217 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6217 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
LP6217
LP6217 –00 Version 1.0 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 1 of 6
26V/2.1A Current Boost With OCP IN SOT23-6 Package
General Description
The LP6217 is high efficiency Boost DC/DC
Converter, fixed frequency, current-mode step-up
converter with output to input disconnect. A PWM
step-up DC/DC converters optimized to provide a
high efficiency solution to medium power system.
Its PWM circuitry with built-in 2.1A@200mΩ
power mosfet makes this converter highly power
efficiently. Selectable high switching frequency
allows faster loop response and easy filtering with a
low noise output. The non-inverting input its error
amplifier is connected to an internal 0.6V precision
reference
voltage.
Soft-start
time
can
be
programmed with an external capacitor, which sets
the input current ramp rate. Current mode control
and external compensation network make it easy
and flexible to stabilize the system. the devices
regulates the output voltage up to 12V from either a
2cell NiMH/NiCd or a single-cell Li-ion Battery
with a 1MHz fixed frequency switching. These
features minimize overall solution footprint by
allowing the use of tiny, low profile inductors and
ceramic capacitors.
Ordering Information
LP6217 - □ □
□
F: Pb-Free
Package Type
B6: SOT23-6
Marking Information
Please see website.
Features
Up to 94% efficiency
Shut-down current:<1uA 
Output voltage Up to 24V
1MHz fixed frequency switching
High switch on current:2.1A,24V@200mΩ
Adjustable OCP: 0.5A-2A
Available in SOT23-6 Package
 
Applications
Battery products
Host Products
Motor Power Devices
Typical Application Circuit
C3
22pF
R1
45K
LP6217
3
5
6
1
OCP
EN
FB
Vin
R3
20K
Vout
C1
22uF
Vin
C2
22uF
R2
10K
4.7uH
Pin Configurations
3
6
4
1
LP6217B6F
5
2
(SOT23-6)


Similar Part No. - LP6217

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-55LL AMICC-LP621024D-55LL Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-55LLI AMICC-LP621024D-55LLI Datasheet
192Kb / 17P
128K X 8 BIT CMOS SRAM
LP621024D-55LLT AMICC-LP621024D-55LLT Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D-70LL AMICC-LP621024D-70LL Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
More results

Similar Description - LP6217

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
logo
Artesyn Technologies
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
Fixed switching frequency
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
Fixed switching frequency
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
Fixed Switching Frequency
logo
Maxim Integrated Produc...
MAX8753EVKIT MAXIM-MAX8753EVKIT Datasheet
163Kb / 6P
1MHz Switching Frequency
Rev 0; 3/06
MAX15058EVKIT MAXIM-MAX15058EVKIT Datasheet
988Kb / 7P
1MHz Switching Frequency
Rev 0; 12/10
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com