Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6218S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6218S
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6218S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6218S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP6218S
LP6218S –01 Version 1.1Datasheet
Jul.-2013
www.lowpowersemi.com - -
Page 1 of 6
High Efficiency 2.6A Boost DC/DC Convertor
General Description
The LP6218S is a current mode boost DC-DC
converter. Its PWM circuitry with built-in 2.6A
Current power MOSFET makes this converter
highly power efficiently. Selectable high switching
frequency allows faster loop response and easy
filtering with a low noise output. The non-inverting
input its error amplifier is connected to an internal
0.6V precision reference voltage. Soft-Start time
can be programmed with an external capacitor,
which sets the input current ramp rate. Current
mode control and external compensation network
make it easy and flexible to stabilize the system.
Ordering Information
LP6218S - □ □
□
F: Pb-Free
Package Type
B6: SOT23-6
Typical Application Circuit
C3
22pF
R1
180K
EN
4
FB
3
Vin
5
ISET
6
LP6218SB6F
Vin
Vout
C1
22uF
C2
22uF
R2
30K
4.7uH
R3
30K
Features
Up to 94% efficiency
 
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
 
Output voltage Up to 12V
Internal Compensation, Soft-start
1.2MHz fixed frequency switching
High switch on current:2.6A
Available in SOT23-6 Package  
Applications
Battery products
Host Products
Panel
Pin Configurations
Marking Information
Please see website:www.lowpowersemi.com.
3
6
1
4
LP6218SB6F
5
2


Similar Part No. - LP6218S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
More results

Similar Description - LP6218S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6206 POWER-LP6206 Datasheet
369Kb / 7P
Output to Input Disconnect at Shutdown Mode
LP6212 POWER-LP6212 Datasheet
621Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6223 POWER-LP6223 Datasheet
307Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6229 POWER-LP6229 Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6270 POWER-LP6270 Datasheet
245Kb / 6P
Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com