Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6218S Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6218S
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6218S Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6218S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6218S Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary Datasheet
LP6218S
LP6218S –01 Version 1.1Datasheet
Jul.-2013
www.lowpowersemi.com - -
Page 4 of 6
Operation Information
The LP6218S uses a 1.2MHz fixed-frequency,
current-mode regulation architecture to regulate the
output voltage. The LP6218S measures the output
voltage through an external resistive voltage divider
and compares that to the internal 0.6V reference to
generate the error voltage to the inductor current to
regulate the output voltage. the use of current-mode
regulation improves transient response and control
loop stability.
When the LP6218S is disable(EN=Low),both power
switches are off. There is no current path from SW
to OUT. There fore, the output voltage discharges to
ground. When the LP6218S is enabled(EN=High),a
limited start-current charges the output voltage
rising to SW, then the part operates in force PWM
mode for regulating the output voltage to the target
value. At the beginning of each cycle, the N-channel
MOSFET switch is turned on, forcing the inductor
current to rise, The current at the source of the
switch is internally measured and converted to a
voltage by the current sense amplifier. That voltage
is compared to the error voltage. When the inductor
current rises sufficiently, the PWM comparator
turns off the switch, forcing the inductor current to
the output capacitor through the internal P-Channel
MOSFET rectifier, which forces the inductor
current to decrease. The peak inductor current is
controlled by the error voltage. Thus the output
voltage controls the inductor current to satisfy the
lode.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 0.6V feedback voltage. Use a
100K resistor for R2 of the voltage divider.
Determine the high-side resistor R1 by the equation:
Vout=(R1/R2+1) x VFB
Current Limitation
The internal power-MOS switch current is monitored
cycle-by-cycle and is limited to the value not exceed
1.6A (Typ.). When the switch current reaches the
limited value, the internal power-MOS is turned off
immediately until the next cycle. Keep traces at this
pin as short as possible. Do not put capacitance at this
pin.
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated
noise in sensitive applications. The maximum peak
inductor current is the maximum input current plus
the half of inductor ripple current. The calculated
peak current has to be smaller than the current
limitation in the electrical characteristics. A typical
setting of the inductor ripple current is 20% to 40%
of the maximum input current. If the selection is
40%, the maximum peak inductor current is
The minimum inductance value is derived from the
following equation :
Depending on the application, the recommended
inductor value is between 2.2μH to 10μH.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com