Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28012 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28012
Description  Programmable Charge Current Up to 1200mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28012 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28012 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LP28012
LP28012 – 00
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Functional Pin Description
Package Type
Pin Configurations
TDFN-10
Pin Description
PIN PIN No.
DESCRIPTION
4,7,9
NC
No Connector.
6
Iset
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is programmed by connecting a 1%
resistor(R
PROG)to ground. When charging in constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used
to measure the charge current using the following formula. Iset=1000/Riset.
5,11
GND
VSS is the connection to system ground.
1
Vin
VIN is the input power source. Connect to a wall adapter.
10
BATT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability when there is no battery attached. When a
battery is attached, only a 0.1µF ceramic capacitor is required.
3
STAT2
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled High by an internal N-channel MOSFET. When
the charge cycle is completed, the pin is pulled Low.
2
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an internal N-channel MOSFET. When the
charge cycle is completed, the pin is pulled High.
8
EN
Chip enable pin. Charging when the pin Voltage is floating and high, discharge when the pin in Low voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com