Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28012 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28012
Description  Programmable Charge Current Up to 1200mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28012 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP28012 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Preliminary Datasheet
LP28012
LP28012 – 00
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 10
Application Information
The LP28012 is a single cell lithium-ion battery charger using a
constant-current/constant-voltage algorithm. It can deliver up to
1200mA of charge current (using a good thermal PCB layout)
with a final float voltage accuracy of ±1%. The LP28012
includes an internal P-channel power MOSFET and thermal
regulation circuitry. No blocking diode or external current sense
resistor is required; thus, the basic charger circuit requires only
two external components. Furthermore, the LP28012 is capable
of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises
above the UVLO threshold level and a 1% ISET ram resistor is
connected from the ISET pin to ground or when a battery is
connected to the charger output. If the BAT pin is less than 2.9V,
the charger enters trickle charge mode. In this mode, the
LP28012 supplies approximately 1/10 the ISET rammed charge
current to bring the battery voltage up to a safe level for full
current charging. (Note: The LP28012 does not include this
trickle charge feature).
When the BAT pin voltage rises above 2.9V, the charger enters
constant-current mode, where the ISET rammed charge current
is supplied to the battery. When the BAT pin approaches the
final float voltage (4.2V), the LP28012 enters constant-voltage
mode and the charge current begins to decrease. When the
charge current drops to 1/10 of the ISET rammed value, the
charge cycle ends.
ISET ramming Charge Current
The charge current is ISET rammed using a single resistor from
the ISET pin to ground. The battery charge current is 600 times
the current out of the ISET pin. The ISET ram resistor and the
charge current are calculated using the following equations:
RSET=1000V/ICHG,ICHG= 1000V/RSET
The charge current out of the BAT pin can be determined at any
time by monitoring the ISET pin voltage using the following
equation:
IBAT= VSET x 500/RSET
Note: Vset is 2Volts.
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the ISET rammed value after the final float voltage is
reached. This condition is detected by using an internal, filtered
comparator to monitor the ISET pin. When the ISET pin voltage
falls below 100mV
1 for longer than t
TERM (typically 1ms),
charging is terminated. The charge current is latched off and the
LP28012 enters standby mode, where the input supply current
drops to 200µA. (Note: C/10 termination is disabled in trickle
charging and thermal limiting modes).
When charging, transient loads on the BAT pin can cause the
ISET pin to fall below 200mV for short periods of time before the
DC charge current has dropped to 1/10th the ISET rammed
value. The 1ms filter time (tTERM) on the termination comparator
ensures that transient loads of this nature do not result in
premature charge cycle termination. Once the average charge
current drops below 1/10th the ISET rammed value, the
LP28012 terminates the charge cycle and ceases to provide
any current through the BAT pin. In this state, all loads on the
BAT pin must be supplied by the battery.
The LP28012 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V recharge
threshold (VRESTAT), another charge cycle begins and current is
once again supplied to the battery. To manually restart a charge
cycle when in standby mode, the input voltage must be
removed and reapplied, or the charger must be shut down and
restarted using the ISET pin. Figure 1 shows the state diagram
of a typical charge cycle.
Charge Status Indicator (STAT)
The charge status output has three different states: strong
pull-down (~10mA), weak pull-down (~20µA) and high
impedance. The strong pull-down state indicates that the
LP28012 is in a charge cycle. Once the charge cycle has
terminated, the pin state is determined by under voltage lockout
conditions. A weak pull-down indicates that VCC meets the
UVLO conditions and the LP28012 is ready to charge. High
impedance indicates that the LP28012 is in under voltage
lockout mode: either VCC is less than 100mV above the BAT pin
voltage or insufficient voltage is applied to the VCC pin. A
microprocessor can be used to distinguish between these three



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com