Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28052A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28052A
Description  Vin Over Voltage Protection:6.5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28052A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28052A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 8Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP28052A
LP28052A – 01 Version 1.1 Datasheet
FEB.-2012
www.lowpowersemi.com
Page 1 of 9
10V/1.2A Single-chip Li-ion and Li-POL Charge
General Description
The LP28052A is a complete constant-current/ constant-
voltage linear charger for single cell lithium-ion batteries.
Its TDFN-10 package and low external component count
make the LP28052A ideally suited for portable applications.
Furthermore, the LP28052A is specifically designed to
work within USB power specifications. Its have a over
voltage protection in input with 6.5V and support over zero
voltages of battery can charge enable.
No external sense resistor is needed, and no blocking diode
is required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to limit the
die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V,
and the charge current can be ISET rammed externally with
a single resistor. The LP28052A automatically terminates
the charge cycle when the charge current drops to 1/10th
the ISET rammed value after the final float voltage is
reached.
When the input supply (wall adapter or USB supply) is
removed, the LP28052A automatically enters a low current
state, dropping the battery drain current to less than 2µA.
The LP28052A can be put into shutdown mode, reducing
the supply current to 25µA.
Other features include charge current monitor, undervoltage
lockout, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.
Order Information
LP28052A □ □ □
F: Pb-Free
Package Type
SP: ESOP-8(P)
SO:SOP-8
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Very Low Power Dissipation
Vin Over Voltage Protection:6.5V
Short-circuit protection
Programmable Charge Current Up to 1500mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate Without
Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from USB
Port
25µA Supply Current in Shutdown
Time Pre-charge Conditioning With Safety Timer
Reverse Leakage Protection Prevents Battery
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Indicates Charge and Fault Conditions
Optional Battery Temperature Monitoring Before and
During Charge Automatic Sleep Mode for Low-Power
Consumption Available in SOP-8P Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Rset
10uF
VIN
1uF
LP28052
7
3
1
2
6
4
8
5
9
STAT
VSS
NC
ISET
NC
VIN
NC
BATT
PGND
BATTERY
BT1
BATT
ISet=1000/Rset
Marking Information
Please see website.


Similar Part No. - LP28052A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28052A-01 POWER-LP28052A-01 Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
More results

Similar Description - LP28052A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28019-00 POWER-LP28019-00 Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
LP28052A-01 POWER-LP28052A-01 Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
Over voltage protection
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
Over voltage protection
FSP180-ABAM1 FSP-FSP180-ABAM1 Datasheet
79Kb / 1P
Over voltage protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
Over voltage protection
MG39132AH MEGAWIN-MG39132AH Datasheet
249Kb / 11P
Over voltage protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
Output Over-Voltage Protection Over Temperature Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com