Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28052A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28052A
Description  Vin Over Voltage Protection:6.5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28052A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28052A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 8Page - Lowpower Semiconductor inc LP28052A Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary Datasheet
LP28052A
LP28052A – 01 Version 1.1 Datasheet
FEB.-2012
www.lowpowersemi.com
Page 2 of 9
Functional Pin Description
P a ckag e Ty pe
Pin Con f igurat i o ns
SOP-8(P)
VIN
ISET
4
7
BATT
1
6
NC
8
NC
STAT
2
PGND
VSS
NC
5
9
3
Pi n Desc ript io n
PIN
PIN
Number
DESCRIPTION
VIN
4
VIN is the input power source. Connect to a wall adapter.
STAT
7
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by
an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.
NC
1,6,8
No connector.
VSS/PGND
3,9
VSS is the connection to system ground.
ISET
2
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is pro-
grammed by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current
mode, this pin servos to 1V. In all modes, the voltage on this pin can be used to measure the
charge current using the following formula:
I
BAT
= (V
PROG
/R
PROG
) • 1000
BATT
5
VBAT is the connection to the battery. Typically a 1µF Tantalum capacitor is needed for stability
when there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is
required.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com