Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBLC03 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # EBLC03
Description  The EBLCxx and EBLCxxC Series are ultra low capacitance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

EBLC03 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  EBLC03 Datasheet HTML 1Page - Bruckewell Technology LTD EBLC03 Datasheet HTML 2Page - Bruckewell Technology LTD EBLC03 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary Data Sheet
Bruckewell Technology Corp., Ltd.
Ultra LOW CAPACITA NCE TVS ARRAY
EBLC03 thru EBLC24C
The EBLCxx and EBLCxxC Series are ultra low capacitance
transient voltage suppressor arrays, designed to protect
applications such as portable electronics and SMART phones.
This series is available in both unidirectional and bidirectional
configurations and is rated at 350 Watts for an 8/20μs
waveshape.
The EBLCxx and EBLCxxC Series meets IEC 61000-4-2 (ESD)
and IEC 61000-4-4 (EFT) requirements. At higher operating
frequencies or faster edge rates, insertion loss and signal integrity
are a major concern. This series offers a ultra
low capacitance and low leakage current in a miniature SOD-323
package.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
Exceeds Level 4: Handles 10kV Contact & 25kV Air Discharge
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge)
• 350 Watts Peak Pulse Power per Line (tp = 8/20μs)
• Replacement for MLV (0805)
• Unidirectional & Bidirectional Configuration
• Protects One Power or I/O Port
• ESD Protection > 25kV
• Low Clamping Voltage
• Available in Multiple Voltages Ranging From 3V to 24V
• Ultra Low Capacitance: 3pF (Typical)
• RoHS Compliant
• REACH Compliant
MECHANICAL DATA
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
SOD323 package
Application
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB Interface


Similar Part No. - EBLC03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EBLC05C PROTEC-EBLC05C Datasheet
503Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
EBLC05C PROTEC-EBLC05C_12 Datasheet
602Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
EBLC05C PROTEC-EBLC05C_13 Datasheet
525Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
EBLC08C PROTEC-EBLC08C Datasheet
525Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
More results

Similar Description - EBLC03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RX5RW RICOH-RX5RW Datasheet
642Kb / 23P
The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
High Capacitance and Ultra-Low ESR
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
Ultra Low Capacitance
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
ULTRA LOW CAPACITANCE
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
Ultra Low Parasitic Capacitance and Inductance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
Ultra low isolation capacitance
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
High Capacitance and Ultra-Low ESR
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
logo
TDK Electronics
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
SD0201SL-ULC102 TDK-SD0201SL-ULC102 Datasheet
612Kb / 14P
Ultra-low clamping and capacitance (ULC) type
2022-10-12 Version: 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com