Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS90N06 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS90N06
Description  Level Shifting and Driver Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS90N06 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS90N06 Datasheet HTML 1Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 2Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 3Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 4Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 5Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS90N06
N-Channel 60-V (D-S) MOSFET
Publication Order Number: [MS90N06]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
a (T
A=25°C)
90
A
IDM
Pulsed Drain Current
a
360
A
IS
Continuous Source Current (Diode Conduction)
a
90
A
PD
Power Dissipation
a (T
A =25°C)
300
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +175
°C
Thermal Resistance Ratings
Symbol
Parameter
Maximum
Units
RθJA
Maximum Junction-to-Ambient
a
62.5
°C/W
RθJC
Maximum Junction-to-Case
1
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Static
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS
Gate Threshold Voltage
VDS = VGS, ID =-250μA
1
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS = ±20 V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 48 V , VGS = 0 V
VDS = 48 V , VGS = 0 V , TJ= 55°C
1
25
uA
ID(on)
On-State Drain Current
VDS = 5 V, VGS = 10 V
120
A
RDS(on)
Drain-Source On-Resistance
VGS = 10 V, ID = 45 A
VGS = 5.5 V , ID = 44 A
3
4
m
Ω
gfs
Forward Tranconductance
VDS = 15 V , ID = 20 A
35
S
VSD
Diode Forward Voltage
IS = 45 V , VGS = 0 V
0.84
V
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Delay Time
VDS = 30 V , RL = 1.5 Ω,
VGEN = 10 V , RGEN = 6 Ω
ID = 20 A
--
64
--
ns
tr
Rise Time
--
112
--
ns
td(off)
Turn-Off Delay Time
--
276
--
ns
tf
Fall Time
--
86
--
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com