Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS90N06 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS90N06
Description  Level Shifting and Driver Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS90N06 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS90N06 Datasheet HTML 1Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 2Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 3Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 4Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 5Page - Bruckewell Technology LTD MS90N06 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MS90N06
N-Channel 60-V (D-S) MOSFET
Publication Order Number: [MS90N06]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
VDS = 30 V , ID = 20 A
VGS = 5.5 V
--
161
--
nC
Qgs
Gate-Source Charge
--
58
--
nC
Qgd
Gate-Drain Charge
--
82
--
nC
CISS
Input Capacitance
VGS = 0 V ,
VDS = 15 V , f = 1MHz
--
33061
--
pF
COSS
Output Capacitance
--
1181
--
pF
CRSS
Reverse Transfer Capacitance
--
1135
--
pF
Notes
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com