Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80L2002 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE80L2002
Description  High Power Handling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L2002 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE80L2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Power Input vs. Power Output
-20
-15
-10
-5
0
5
10
15
20
25
-15
-10
-5
0
5
10
15
20
25
RF INPUT POWER (dBm)
LIMITER RESPONSE WITH FREQUENCY
18 GHz
26 GHz
32 GHz
40 GHz
P/I-P/O
PE80L2002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm High Power Limiter, 20 Watts Peak Power, 10 ns Recovery, 18 dBm Flat Leakage,
18 GHz to 40 GHz PE80L2002
2.92mm High Power Limiter, 20 Watts Peak Power, 10 ns
Recovery, 18 dBm Flat Leakage, 18 GHz to 40 GHz
Limiters - PE80L2002



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com