Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80L2002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE80L2002
Description  High Power Handling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L2002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE80L2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L2002 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• High Speed 20 Watt Peak Limit
• 18 GHz to 40 GHz Frequency Range
• Insertion Loss @ -10 dBm 3.5 dB Typ
• VSWR @ -10 dBm 1.9:1 Typ
• Leakage @ 1 Watt CW +12 dBm Typ
• Recovery Time 10 ns
• Limiting Threshold +5 dBm Typ
• High Power Handling
• Field Replaceable Female 2.92mm Connectors
Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Military Communication Systems
• Stabilizing generator outputs
• Reducing amplitude variations
•
Protects low noise amplifiers and
other devices from ESD or input
power damage
• Receiver Protection
• Weapon systems
.
Description
The PE80L2002 is a High Power Limiter that operates from 18 GHz to 40 GHz. The Limiter handles 20 W Peak Power and
operates from -54 Deg C to + 85 Deg C. Input/Output Connectors are Female 2.92mm field Replaceable.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
18
40
GHz
Insertion Loss @Pin=-10 dBm
4
dB
Input VSWR
2.1:1
Output VSWR
2.1:1
Leakage (CW) @ 1 Watt CW
+12
+18
dBm
Recovery Time
10
ns
Input Power (CW)
1
Watt
Derated by 20% @ +125°C
Input Power (Peak) @1us pulse, 0.1% Duty Cycle
20
Watt
Limiting Threshold
+5
+9
dBm
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm High Power Limiter, 20 Watts Peak Power, 10 ns Recovery, 18 dBm Flat Leakage,
18 GHz to 40 GHz PE80L2002
PE80L2002 REV 1.0
2.92mm High Power Limiter, 20 Watts Peak Power, 10 ns
Recovery, 18 dBm Flat Leakage, 18 GHz to 40 GHz
Limiters - PE80L2002


Similar Part No. - PE80L2002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L2000 PASTERNACK-PE80L2000 Datasheet
594Kb / 8P
High Speed 10 Watt CW Limit
PE80L2001 PASTERNACK-PE80L2001 Datasheet
424Kb / 7P
High Speed 200 Watt Peak Limit
More results

Similar Description - PE80L2002

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
High Power Handling
logo
Pasternack Enterprises,...
PE80L4000 PASTERNACK-PE80L4000 Datasheet
440Kb / 7P
High Power Handling
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
High Power Handling Capability
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com