Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7434PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS7434PBF
Description  Brushed Motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7434PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS7434PBF Datasheet HTML 1Page - International Rectifier IRFS7434PBF Datasheet HTML 2Page - International Rectifier IRFS7434PBF Datasheet HTML 3Page - International Rectifier IRFS7434PBF Datasheet HTML 4Page - International Rectifier IRFS7434PBF Datasheet HTML 5Page - International Rectifier IRFS7434PBF Datasheet HTML 6Page - International Rectifier IRFS7434PBF Datasheet HTML 7Page - International Rectifier IRFS7434PBF Datasheet HTML 8Page - International Rectifier IRFS7434PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRFS/SL7434PbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 19, 2014
2
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 195A
by source
bonding technology . Note that current limitations arising from
heating of the device leads may occur with some lead mounting
arrangements.
(Refer to AN-1140)
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.099mH
RG = 50Ω, IAS = 100A, VGS =10V.
„ ISD ≤ 100A, di/dt ≤ 1307A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400μs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ Rθ is measured at TJ approximately 90°C.
‰ Limited by TJmax starting TJ = 25°C, L= 1mH, RG = 50Ω, IAS = 47A, VGS =10V.
Š When mounted on 1" square PCB (FR-4 or G-10 Material).
Please refer to AN-994 for more details:
http://www.irf.com/technical-info/appnotes/an-994.pdf
∗ Pulse drain current is limited at 780A by source bonding technology.
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
ÃfÃ
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds (1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy e
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy k
IAR
Avalanche CurrentÃd
A
EAR
Repetitive Avalanche Energy d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case j
–––
0.5
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak l
–––
40
°C/W
Max.
320
™
226
™
1270 *
195
1098
-55 to + 175
± 20
1.96
See Fig. 14, 15 , 22a, 22b
A
°C
300
490
294
5.0
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
32
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.25
1.6
m
Ω
1.8
–––
m
Ω
VGS(th)
Gate Threshold Voltage
2.2
3.0
3.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
2.1
–––
Ω
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mAd
VGS = 10V, ID = 100A
g
VGS = 6.0V, ID = 50A
g
VDS = VGS, ID = 250μA
μA
nA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com