Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7434PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFS7434PBF
Description  Brushed Motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7434PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFS7434PBF Datasheet HTML 1Page - International Rectifier IRFS7434PBF Datasheet HTML 2Page - International Rectifier IRFS7434PBF Datasheet HTML 3Page - International Rectifier IRFS7434PBF Datasheet HTML 4Page - International Rectifier IRFS7434PBF Datasheet HTML 5Page - International Rectifier IRFS7434PBF Datasheet HTML 6Page - International Rectifier IRFS7434PBF Datasheet HTML 7Page - International Rectifier IRFS7434PBF Datasheet HTML 8Page - International Rectifier IRFS7434PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRFS/SL7434PbF
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 19, 2014
S
D
G
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
gfs
Forward Transconductance
211
–––
–––
S
Qg
Total Gate Charge
–––
216
324
Qgs
Gate-to-Source Charge
–––
51
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
77
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
139
–––
td(on)
Turn-On Delay Time
–––
24
–––
tr
Rise Time
–––
68
–––
td(off)
Turn-Off Delay Time
–––
115
–––
tf
Fall Time
–––
68
–––
Ciss
Input Capacitance
–––
10820
–––
Coss
Output Capacitance
–––
1540
–––
Crss
Reverse Transfer Capacitance
–––
1140
–––
Coss eff. (ER)
Effective Output Capacitance (Energy Related)
–––
1880
–––
Coss eff. (TR)
Effective Output Capacitance (Time Related)
–––
2208
–––
Diode Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)Ãd
VSD
Diode Forward Voltage
–––
0.9
1.3
V
dv/dt
Peak Diode RecoveryÃfÃ
–––
5.0
–––
V/ns
trr
Reverse Recovery Time
–––
38
–––
TJ = 25°C
VR = 34V,
–––37–––
TJ = 125°C
IF = 100A
Qrr
Reverse Recovery Charge
–––
50
–––
TJ = 25°C
di/dt = 100A/μs g
–––50–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.9
–––
A
TJ = 25°C
TJ = 175°C, IS = 100A, VDS = 40V
Conditions
VDS = 10V, ID = 100A
ID = 100A
VDS =20V
VGS = 10V
g
VDD = 20V
ID = 100A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 100A, VGS = 0V g
integral reverse
p-n junction diode.
MOSFET symbol
showing the
ID = 30A
RG = 2.7
Ω
Conditions
VGS = 10V
g
VGS = 0V
nC
ns
pF
VDS = 25V
ƒ = 1.0 MHz, See Fig. 5
VGS = 0V, VDS = 0V to 32V
i, See Fig. 12
VGS = 0V, VDS = 0V to 32V
h
A
ns
nC
320™
–––
–––
–––
–––
1270*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com