Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A4025 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A4025
Description  Unconditionally Stable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4025 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A4025 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4025 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4025 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4025 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TECHNICAL DATA SHEET
Power Data
dB
-30
-20
-10
0
10
20
30
40
Freq.(MHz)
Gain, Input Return Loss and Output Return Loss
Gain(dB) 25 C
IN_Return Loss(dB)
OUT_Return Loss(dB)
2 Watt P1dB, 1 GHz to 2 GHz, Medium Power Amplifier, 35 dB Gain, 45 dBm IP3, 1.5 dB NF, SMA from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt P1dB, 1 GHz to 2 GHz, Medium Power Amplifier, 35 dB Gain, 45 dBm IP3, 1.5 dB NF, SMA
PE15A4025
URL: http://www.pasternack.com/2-ghz-medium-power-amplifier-35-db-gain-45-dbm-ip3-sma-pe15a4025-p.aspx
PE15A4025
PE15A4025 REV 1.0
2 Watt P1dB, 1 GHz to 2 GHz, Medium Power Amplifier,
35 dB Gain, 45 dBm IP3, 1.5 dB NF, SMA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com