Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A4025 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A4025
Description  Unconditionally Stable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4025 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A4025 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4025 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4025 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4025 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
PE15A4025 is a L-band coaxial 2W high dynamic range power amplifier, operating in the 1 to 2 GHz frequency range and
designed for low noise and high linearity applications. The amplifier offers 33 dBm of P1dB and high 35 dB small signal gain,
with the excellent gain flatness of ±1.0 dB max, along with an outstanding IP3 performance of 45 dBm and 1.5 dB Noise Figure.
This performance is achieved through using hybrid MIC design and advanced GaAs PHEMT devices. This power amplifier
requires only a single positive DC supply, Unconditionally stable, and operates over the temperature range of -40°C to 75°C.
Features
1 GHz to 2 GHz Frequency Range
P1dB: 33 dBm
High Small Signal Gain: 35 dB
Gain Flatness: ±0.75 dB
Gain Variation: ±1.25 dB
Output IP3: 45 dBm
Noise Figure: 1.5 dB
Reverse Isolation: 55 dB
50 Ohm Input and Output Matched
-40 to +75°C Operating Temperature
Unconditionally Stable
Single DC Positive Supply
Built-in Voltage Regulator
Applications
Laboratory Applications
R&D Labs
Radar Systems
Telecom Infrastructure
Test Instrumentation
Military & Space
Communication Systems
Satellite Communications
Wireless Communications
Microwave Radio Systems
Power Amplifier
Low Noise Amplifier
High Dynamic Range Amplifier
General Purpose Amplification
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts DC Current = 800mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
1
2
GHz
Small Signal Gain
32
35
dB
Gain Flatness
±0.75
±1
dB
Output at 1 dB Compression Point
+32
+33
dBm
Output 3rd Intercept Point
+40
+45
dBm
Reverse Isolation
55
dB
Noise Figure
1.5
2
dB
Input VSWR
1.5:1
1.7:1
Output VSWR
1.5:1
1.7:1
Operating DC Voltage
11.5
12
13
Volts
Operating DC Current
800
1,500
mA
Operating Temperature Range
-40
+75
°C
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt P1dB, 1 GHz to 2 GHz, Medium Power Amplifier, 35 dB Gain, 45 dBm IP3, 1.5 dB NF,
SMA PE15A4025
PE15A4025
PE15A4025 REV 1.0
2 Watt P1dB, 1 GHz to 2 GHz, Medium Power Amplifier,
35 dB Gain, 45 dBm IP3, 1.5 dB NF, SMA


Similar Part No. - PE15A4025

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4020 PASTERNACK-PE15A4020 Datasheet
396Kb / 3P
TECHNICAL DATA SHEET
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
Unconditionally Stable
PE15A4022 PASTERNACK-PE15A4022 Datasheet
459Kb / 6P
20 dBm P1dB, 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 6 dB NF, 2.92mm
PE15A4023 PASTERNACK-PE15A4023 Datasheet
448Kb / 5P
WR-12, Waveguide Power Amplifier, E Band, 70.5 GHz to 76.5 GHz, 25 dB Gain, 22 dBm Psat, UG-387 - U Flange
PE15A4024 PASTERNACK-PE15A4024 Datasheet
437Kb / 5P
WR-12, Waveguide Power Amplifier, E Band, 80.5 GHz to 86.5 GHz, 20 dB Gain, 19 dBm Psat, UG-387 - U Flange
More results

Similar Description - PE15A4025

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5018 PASTERNACK-PE15A5018 Datasheet
817Kb / 7P
Unconditionally Stable
PE15A5020 PASTERNACK-PE15A5020 Datasheet
807Kb / 8P
Unconditionally Stable
PE15A5024 PASTERNACK-PE15A5024 Datasheet
538Kb / 5P
Unconditionally Stable
PE15A5027 PASTERNACK-PE15A5027 Datasheet
508Kb / 5P
Unconditionally Stable
PE15A3900 PASTERNACK-PE15A3900 Datasheet
421Kb / 6P
Unconditionally Stable
PE15A3254 PASTERNACK-PE15A3254 Datasheet
482Kb / 8P
Unconditionally Stable
PE15A4017 PASTERNACK-PE15A4017 Datasheet
516Kb / 4P
Unconditionally Stable
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
Unconditionally Stable
PE15A8001 PASTERNACK-PE15A8001 Datasheet
392Kb / 3P
Unconditionally Stable
logo
L3Harris Narda-MITEQ
LNA-20-00100400-15-10P L3HARRIS-LNA-20-00100400-15-10P Datasheet
573Kb / 3P
Unconditionally stable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com