Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC30FDPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PC30FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30FDPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG4PC30FDPBF Datasheet HTML 1Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 2Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRG4PC30FDPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
–––
51
77
IC = 17A
Qge
Gate - Emitter Charge (turn-on)
––– 7.9
12
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
–––
19
28
VGE = 15V
td(on)
Turn-On Delay Time
–––
42
–––
TJ = 25°C
tr
Rise Time
–––
26
–––
ns
IC = 17A, VCC = 480V
td(off)
Turn-Off Delay Time
––– 230 350
VGE = 15V, RG = 23Ω
tf
Fall Time
––– 160 230
Energy losses include "tail" and
Eon
Turn-On Switching Loss
––– 0.63 –––
diode reverse recovery.
Eoff
Turn-Off Switching Loss
––– 1.39 –––
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
––– 2.02 3.9
td(on)
Turn-On Delay Time
–––
42
–––
TJ = 150°C,
See Fig. 9, 10, 11, 18
tr
Rise Time
–––
27
–––
ns
IC = 17A, VCC = 480V
td(off)
Turn-Off Delay Time
––– 310 –––
VGE = 15V, RG = 23Ω
tf
Fall Time
––– 310 –––
Energy losses include "tail" and
Ets
Total Switching Loss
––– 3.2 –––
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
–––
13
–––
nH
Measured 5mm from package
Cies
Input Capacitance
––– 1100 –––
VGE = 0V
Coes
Output Capacitance
–––
74
–––
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
–––
14
–––
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
–––
42
60
TJ = 25°C See Fig.
–––
80
120
TJ = 125°C
14
IF = 12A
Irr
Diode Peak Reverse Recovery Current
––– 3.5
6.0
A
TJ = 25°C See Fig.
––– 5.6
10
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
–––
80
180
TJ = 25°C
See Fig.
––– 220 600
TJ = 125°C
16
di/dt 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
––– 180 –––
TJ = 25°C
See Fig.
During tb
––– 120 –––
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltageƒ 600 ––– –––
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage ––– 0.69 ––– V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
––– 1.59 1.8
IC = 17A
VGE = 15V
––– 1.99 –––
V
IC = 31A
See Fig. 2, 5
––– 1.70 –––
IC = 17A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0 ––– 6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage ––– -11 ––– mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance „
6.1
10
–––
S
VCE = 100V, IC = 17A
ICES
Zero Gate Voltage Collector Current
––– ––– 250
µA
VGE = 0V, VCE = 600V
––– ––– 2500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
––– 1.4
1.7
V
IC = 12A
See Fig. 13
––– 1.3
1.6
IC = 12A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
––– ––– ±100 nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nC
A/µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com