Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC30FDPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4PC30FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30FDPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG4PC30FDPBF Datasheet HTML 1Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 2Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC30FDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRG4PC30FDPbF
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1000
110
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
1
10
100
1000
5
6
7
8
9
10
11
12
13
GE
T = 25°C
T = 150°C
J
J
V , Gate-to-Emitter Voltage (V)
A
V
= 50V
5µs PULSE WIDTH
CC
0
5
10
15
20
25
0.1
1
10
100
f, Frequency (kHz)
A
60% of rated
voltage
Duty cycle: 50%
T = 125°C
T
= 90°C
Gate drive as specified
Turn-on losses include
effects of reverse recovery
sink
J
Power Dissipation = 24W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com