Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC30KDPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PC30KDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30KDPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4PC30KDPBF_15 Datasheet HTML 1Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 2Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 3Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 4Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 5Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 6Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 7Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 8Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
28
IC @ TC = 100°C
Continuous Collector Current
16
ICM
Pulsed Collector Current 
58
A
ILM
Clamped Inductive Load Current ‚
58
IF @ TC = 100°C
Diode Continuous Forward Current
12
IFM
Diode Maximum Forward Current
58
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
100
PD @ TC = 100°C Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
IRG4PC30KDPbF
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
E
G
n-channel
C
VCES = 600V
VCE(on) typ. = 2.21V
@VGE = 15V, IC = 16A
Short Circuit Rated
UltraFast IGBT
7/26/04
PD -95557
TO-247AC
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
–––
–––
1.2
RθJC
Junction-to-Case - Diode
–––
–––
2.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.24
–––
RθJA
Junction-to-Ambient, typical socket mount
–––
–––
40
Wt
Weight
–––
6 (0.21)
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
Features
• High short circuit rating optimized for motor control,
tsc =10µs, @360V VCE (start), TJ = 125°C,
VGE = 15V
• Combines low conduction losses with high
switching speed
• Tighter parameter distribution and higher efficiency
than previous generations
• IGBT co-packaged with HEXFREDTM ultrafast,
ultrasoft recovery antiparallel diodes
• Latest generation 4 IGBTs offer highest power density
motor controls possible
• HEXFREDTM diodes optimized for performance with IGBTs.
Minimized recovery characteristics reduce noise, EMI and
switching losses
• This part replaces the IRGBC30KD2 and IRGBC30MD2
products
• For hints see design tip 97003
Benefits
www.irf.com
1
• Lead-Free


Similar Part No. - IRG4PC30KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30KDPBF IRF-IRG4PC30KDPBF Datasheet
345Kb / 11P
INSULATED GATE BIPOALR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PC30KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com