Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC30KDPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRG4PC30KDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30KDPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRG4PC30KDPBF_15 Datasheet HTML 3Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 4Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 5Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 6Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 7Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 8Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 9Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 10Page - International Rectifier IRG4PC30KDPBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRG4PC30KDPbF
10
www.irf.com
Notes:
Repetitiverating:VGE=20V;pulsewidthlimitedbymaximumjunctiontemperature
(figure20)
‚VCC=80%(VCES), VGE=20V,L=10µH,RG=23Ω(figure19)
ƒPulsewidth ≤80µs;dutyfactor ≤0.1%.
„Pulsewidth5.0µs,singleshot.
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
EXAMPLE:
ASSEMBLED ON WW 35, 2000
LOT CODE 5657
WITH ASSEMBLY
THIS IS AN IRFPE30
IN THE AS SEMBLY LINE "H"
035H
LOGO
INTERNATIONAL
RECTIFIER
IRFPE30
LOT CODE
ASSEMBLY
56
57
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 35
LINE H
Note: "P" in assembly line
position indicates "Lead-Free"
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.07/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com