Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1203 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCP1203
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1203 Datasheet(HTML) 2 Page - ON Semiconductor

  PCP1203 Datasheet HTML 1Page - ON Semiconductor PCP1203 Datasheet HTML 2Page - ON Semiconductor PCP1203 Datasheet HTML 3Page - ON Semiconductor PCP1203 Datasheet HTML 4Page - ON Semiconductor PCP1203 Datasheet HTML 5Page - ON Semiconductor PCP1203 Datasheet HTML 6Page - ON Semiconductor PCP1203 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PCP1203
No.A1348-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Base Current
IB
300
mA
Collector Dissipation
PC
When mounted on ceramic substrate (450mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=30V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
μA
DC Current Gain
hFE
VCE=2V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
500
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=0.75A, IB=15mA
150
225
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=0.75A, IB=15mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
5
V
Turn-On Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
205
ns
Fall Time
tf
30
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
PCP1203-TD-H
PCP
1,000pcs./reel
Pb Free and Halogen Free
RB
VCC=12V
IC=20IB1= --20IB2=0.75A
+
50
Ω
INPUT
OUTPUT
RL
820
μF
PW=50
μs
IB1
D.C.
≤1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
40mA
30mA
20mA
2.0
1.4
1.2
1.6
1.8
1.0
0.4
0.2
0.6
0.8
0
0
0.4
0.8
0.9
1.0
0.2
0.6
0.3
0.7
0.1
0.5
IB=0mA
IT14121
2mA
4mA
6mA
10mA
8mA
VCE=2V
1.6
1.2
0.6
0.8
1.4
1.0
0.2
0.4
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IT14122



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com