Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1203 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCP1203
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1203 Datasheet(HTML) 3 Page - ON Semiconductor

  PCP1203 Datasheet HTML 1Page - ON Semiconductor PCP1203 Datasheet HTML 2Page - ON Semiconductor PCP1203 Datasheet HTML 3Page - ON Semiconductor PCP1203 Datasheet HTML 4Page - ON Semiconductor PCP1203 Datasheet HTML 5Page - ON Semiconductor PCP1203 Datasheet HTML 6Page - ON Semiconductor PCP1203 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PCP1203
No.A1348-3/7
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- A
PC -- Ta
Ambient Temperature, Ta --
°C
f T -- IC
Cob -- VCB
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
0.1
7
2
5
3
2
1.0
10
7
7
2
5
3
5
3
0.01
0.01
0.1
25
35
72
1.0
5
37
2
10
5
37
2 3
IC=1.5A
10ms
1ms
100ms
ICP=5A
<10
μs
IT14127
0
1.6
1.0
1.2
1.4
1.3
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT14113
When mounted on ceramic substrate
(450mm2
×0.8mm)
1.0
3
0.1
Ta=--25°C
75
°C
3
2
7
5
2
23
5
2
7
1.0
32
3
57
0.01
IC / IB=50
IT14126
25
°C
0.1
23
5
2
7
1.0
32
3
57
0.01
0.1
7
5
3
3
2
7
2
5
0.01
Ta
=75
°C
25
°C
--25
°C
IT14124
IC / IB=20
Ta=75
°C
--25
°C
VCE=2V
IT14123
100
7
7
2
5
3
5
7
0.01
3
25
2
0.1
7
32
3
5
1.0
25
°C
0.1
23
5
2
7
1.0
32
3
57
0.01
0.1
7
5
3
2
2
5
3
7
0.01
Ta=75
°C
25°
C
--25°
C
IT14125
IC / IB=50
1000
3
2
5
100
3
2
5
7
7
3
2
23
5
7
2
3
2
57
0.01
1.0
0.1
VCE=10V
IT01680
100
7
5
3
2
7
5
3
2
23
5
7
0.1
1.0
23
5
7
10
23
5
10
f=1MHz
IT01682
Ta=25
°C
Single pulse
When mounted on ceramic substrate (450mm2
×0.8mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com