Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1005EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1005EEE
Description  IF Undersampler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1005EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1005EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1005EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1005EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1005EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1005EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1005EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1005EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1005EEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MAX1005 is a combined digitizer and reconstruc-
tion integrated circuit designed to work in systems that
demodulate and modulate communications signals. It
integrates IF undersampling and signal synthesis func-
tions into a single, low-power circuit. Its analog-to-
digital converter (ADC) is used to directly sample or
undersample a downconverted RF signal, while its
digital-to-analog converter (DAC) recreates the IF sub-
carrier and transmission data. The MAX1005’s ADC is
ideal for undersampling applications, due to the analog
input amplifier’s wide (15MHz) bandwidth. The DAC
has very low glitch energy, which minimizes the trans-
mission of unwanted spurious signals. An on-chip
reference provides for low-noise ADC and DAC conver-
sions.
The MAX1005 provides a high level of signal integrity
from a low power budget. It operates from a single
power supply, or from separate analog and digital sup-
plies with independent voltages ranging from +2.7V to
+5.5V. The MAX1005 can operate with an unregulated
analog supply of 5.5V and a regulated digital supply
down to 2.7V. This flexible power-supply operation
saves additional power in complex digital systems.
The MAX1005 has three operating modes: transmit
(DAC active), receive (ADC active), and shutdown
(ADC and DAC inactive). In shutdown mode, the total
supply current drops below 1µA. The device requires
only 2.4µs to wake up from shutdown mode. The
MAX1005 is ideal for hand-held, as well as base-station
applications. It is available in a tiny 16-pin QSOP pack-
age specified for operation over both the commercial
and extended temperature ranges.
________________________Applications
PWT1900
PHS/P
Wireless Loops
PCS/N
____________________________Features
o Differential-Input, 5-Bit ADC
o Differential-Output, 7-Bit DAC
o 15Msps Min Conversion Rate
o 25MHz -1dB Full-Power Bandwidth
o 44dB SFDR for ADC
39dB at 10.7MHz SFDR (Imaged) for DAC
o Internal Voltage Reference
o Parallel Logic Interface
o Single-Supply Operation (+2.7V to +5.5V)
o 0.1µA Low-Power Shutdown Mode
IF Undersampler
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCCD
CLK
D0
D1
D2
D3
D4
D5
D6
TOP VIEW
MAX1005
QSOP
DGND
RXEN
TXEN
AIO+
AIO-
AGND
VCCA
__________________Pin Configuration
19-1291; Rev 0; 9/97
PART
MAX1005CEE
MAX1005EEE
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 QSOP
______________Ordering Information
Functional Diagram appears at end of data sheet.


Similar Part No. - MAX1005EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX100 MAXIM-MAX100 Datasheet
244Kb / 12P
Dual Differential-Output Data Paths
Rev 0; 11/94
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1002 MAXIM-MAX1002 Datasheet
93Kb / 8P
User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1002CAX MAXIM-MAX1002CAX Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
More results

Similar Description - MAX1005EEE

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
Integrated Circuit TV Video IF, Sound IF
logo
Kyocera Kinseki Corpota...
MSFB27-183-022K8 KSS-MSFB27-183-022K8 Datasheet
144Kb / 1P
AMPS-IF
MSFB43-85-001M0 KSS-MSFB43-85-001M0 Datasheet
152Kb / 1P
cdmaOne-IF
MSFC12-83-026K0 KSS-MSFC12-83-026K0 Datasheet
151Kb / 1P
AMPS-IF
logo
fujitsu semiconductor
SBF0408DPL FUJITSU-SBF0408DPL Datasheet
75Kb / 4P
IF Filter
FAR-F4SE-44M000-H0A3 FUJITSU-FAR-F4SE-44M000-H0A3 Datasheet
61Kb / 3P
TV-IF
logo
Advanced Crystal Techno...
ACTF4010 ACT-ACTF4010_10 Datasheet
124Kb / 3P
IF filter
March 2010
ACTF4818 ACT-ACTF4818_10 Datasheet
197Kb / 5P
IF filter
March 2010
logo
Motorola, Inc
MC1350 MOTOROLA-MC1350 Datasheet
165Kb / 6P
IF AMPLIFIER
logo
List of Unclassifed Man...
42IF100-RC ETC-42IF100-RC Datasheet
55Kb / 1P
IF Transformer
12/12/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com